Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q8010L4TP Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # Q8010L4TP
Description  isc Triacs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

Q8010L4TP Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  Q8010L4TP Datasheet HTML 1Page - Inchange Semiconductor Company Limited Q8010L4TP Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc Triacs
Q8010L4TP
www.iscsemi.com
1
DESCRIPTION
· Surge capability up to 120 A
· Voltage capability up to 1000V
· Glass – passivated junctions
APPLICATION
· DC Motor control
· AC power control
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive Peak Off-state Voltage
800
V
VRRM
Repetitive Peak Off-state Voltage
800
V
IT(RMS)
RMS forward current 180° sine
10
A
I2t
I2t Value for Fusing (8.3 ms sine pulse)
60
A2S
PG(AV)
Maximum average gate power
0.5
W
TJ
Operating Junction Temperature
-40~125
℃
Tstg
Storage Temperature
-40~150
℃
THERMAL RESISTANCES
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.6
℃
/W


Similar Part No. - Q8010L4TP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q8010L4 LITTELFUSE-Q8010L4 Datasheet
230Kb / 10P
Triacs (0.8 A to 35 A)
More results

Similar Description - Q8010L4TP

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com