Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

335.0340468 Datasheet(PDF) 1 Page - France Joint

Part # 335.0340468
Description  PISTON/ROD SEALS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

335.0340468 Datasheet(HTML) 1 Page - France Joint

  335.0340468 Datasheet HTML 1Page - France Joint 335.0340468 Datasheet HTML 2Page - France Joint 335.0340468 Datasheet HTML 3Page - France Joint 335.0340468 Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
DESCRIPTION
The BECA 335 profile is a U-ring
type single acting symmetrical
seal with matching polyurethane
lips. It can be used for both rod
and piston applications.
ADVANTAGES
Optimised sealing effect
Excellent abrasion resistance
Very good wear resistance
APPLICATIONS
Agriculture
Mobile machinery
Lifting systems
Injection presses
Hydraulic cylinders
MATERIALS
PU 93 Shore A - Blue
PU 96 Shore A - Blue
High temp. PU 96 Shore A - Beige
Other grades of materials are available.
Please contact our experts.
|
TECHNICAL DATA
Temperature
-30°C / +110°C
Pressure
30 MPa
Speed
0.5 m/sec
Media
Mineral hydraulic oils
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
|
EXTRUSION GAPS
Bore diameter ØD1
Rod diameter Ød1
Radial gap
F/2
≤ 5 MPa
≤ 10 MPa
≤ 20 MPa
≤ 30 MPa
≤ 60 mm
0.40
0.30
0.20
0.15
> 60 mm
0.50
0.40
0.30
0.20
|
SURFACE ROUGHNESS
Roughness
Dynamic surface area
Static surface area
Groove flanks
Ra
0.1 - 0.4 µm
≤1.6 µm
≤3.2 µm
Rz
0.63 - 2.5 µm
≤6.3 µm
≤10.0 µm
Rmax
1.0 - 4.0 µm
≤10.0 µm
≤16.0 µm
|
CHAMFERS AND RADIUS
Radial section
S
Radius
R1
Radius
R2
Chamfer
C
3.00
0.20
0.40
2.00
4.00
0.20
0.40
2.50
5.00
0.40
0.60
3.00
7.50
0.80
1.00
4.00
10.00
0.80
1.00
5.00
PISTON/ROD SEALS
BECA 335
HYDRAULIC SEALS | PISTON/ROD SEALS |
BECA 335


Similar Part No. - 335.0340468

ManufacturerPart #DatasheetDescription
logo
MENTOR GmbH & Co.
335.662 MENTOR-335.662 Datasheet
301Kb / 1P
Plastic Turning Knob System with Collet Fixing
335.663 MENTOR-335.663 Datasheet
301Kb / 1P
Plastic Turning Knob System with Collet Fixing
335.664 MENTOR-335.664 Datasheet
301Kb / 1P
Plastic Turning Knob System with Collet Fixing
More results

Similar Description - 335.0340468

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DPZ-10-25-P-A-KF FESTO-DPZ-10-25-P-A-KF Datasheet
96Kb / 1P
Dual piston rod cylinder
DPZ-10-25-P-A-KF-S2 FESTO-DPZ-10-25-P-A-KF-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
DPZ-10-25-P-A-S2 FESTO-DPZ-10-25-P-A-S2 Datasheet
88Kb / 1P
Dual piston rod cylinder
DPZ-10-40-P-A-S2 FESTO-DPZ-10-40-P-A-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
DPZ-10-50-P-A-S2 FESTO-DPZ-10-50-P-A-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
DPZ-16-10-P-A-KF FESTO-DPZ-16-10-P-A-KF Datasheet
95Kb / 1P
Dual piston rod cylinder
DPZ-16-10-P-A-S2 FESTO-DPZ-16-10-P-A-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
DPZ-16-25-P-A-S2 FESTO-DPZ-16-25-P-A-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
DPZ-16-50-P-A-KF-S2 FESTO-DPZ-16-50-P-A-KF-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
DPZ-20-10-P-A-KF-S2 FESTO-DPZ-20-10-P-A-KF-S2 Datasheet
88Kb / 1P
Dual piston rod cylinder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com