Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDIP Datasheet(PDF) 1 Page - Amkor Technology

Part # CDIP
Description  Ceramic Dual-Inline Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

CDIP Datasheet(HTML) 1 Page - Amkor Technology

  CDIP Datasheet HTML 1Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
data sheet
CDIP / CerDIP
Features:
CERAMIC
/ HERMETIC
www.amkor.com
VISIT AMKOR TECHNOLOGY ONLINE FOR LOCATIONS AND
TO VIEW THE MOST CURRENT PRODUCT INFORMATION
Ceramic Dual-Inline Package
(CDIP / CerDIP)
Amkor Technology is committed to continuing to
service this long established standard industry
package. The Amkor Technology CDIP capability
provides a wide range of lead counts and body
sizes. The CDIP is a hermetic package consisting of
two pieces of dry pressed ceramic surrounding a
"DIP formed" leadframe. The ceramic / LF /
ceramic system is held together hermetically by
frit glass reflowed at temperatures between
400° - 460° Centigrade.
Applications:
Along with the other standard industry packages,
the CDIP has a proven track record and is still
being used by semiconductor technologies such as:
Digital to Analog converters, EPROMS, Air bag
sensors, Logic, Memory, Microcontrollers, and
Video controllers. Some end applications are:
Military electronics, Commercial electronics,
Automotive and Telecommunications.
The CDIP offers a variety of features:
•
300 mil package body width with lead counts
from 8L to 28L
•
400 mil package body width with lead counts
of 22L & 24L
•
600 mil package body width with lead counts
from 24L to 40L
•
100 mil lead pitch
•
High thermal conductive ceramic
•
Matte Tin lead finish
•
JEDEC standard compliant
•
Wide selection of available cavity sizes to meet
most die size needs
•
Commercial or full Military flows
DS801
Rev Date: 08’02
.


Similar Part No. - CDIP

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDI2D23 SUMIDA-CDI2D23 Datasheet
136Kb / 1P
POWER INDUCTORS
CDI2D23NP-102K SUMIDA-CDI2D23NP-102K Datasheet
136Kb / 1P
POWER INDUCTORS
CDI2D23NP-402K SUMIDA-CDI2D23NP-402K Datasheet
136Kb / 1P
POWER INDUCTORS
More results

Similar Description - CDIP

ManufacturerPart #DatasheetDescription
logo
Picker Components
D1A050000 PICKER-D1A050000 Datasheet
162Kb / 2P
Dual Inline Pack Reed Relay
logo
National Semiconductor ...
J24A NSC-J24A Datasheet
54Kb / 1P
24 Lead Ceramic Dual-in-Line Package NS Package Number J24A
J22A NSC-J22A Datasheet
67Kb / 1P
22 Lead Ceramic Dual-in-Line Package
logo
Hamamatsu Corporation
S8673 HAMAMATSU-S8673 Datasheet
125Kb / 2P
One-dimensional PSD using SIP (Single Inline Package)
logo
EUROQUARTZ limited
GS14 EUROQUARTZ-GS14 Datasheet
90Kb / 1P
14 pin Dual-inLine Sine Wave VCXO
logo
Yamaichi Electronics Co...
IC37NRB-1403-G4 YAMAICHI-IC37NRB-1403-G4 Datasheet
39Kb / 1P
Dual Inline Package (DIP)
IC39-1206-G4 YAMAICHI-IC39-1206-G4 Datasheet
38Kb / 1P
Zig-Zag Inline Package (ZIP)
IC70-0726-G4 YAMAICHI-IC70-0726-G4 Datasheet
40Kb / 1P
Single Inline Package (SIP)
IC7612-2003-G4 YAMAICHI-IC7612-2003-G4 Datasheet
127Kb / 2P
Shrink Dual Inline Package (SDIP)
IC182-4007-MF YAMAICHI-IC182-4007-MF Datasheet
95Kb / 1P
Zig-Zag Inline Package (ZIP)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com