Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLGA Datasheet(PDF) 1 Page - Amkor Technology

Part # CLGA
Description  Ceramic Land Grid Array Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

CLGA Datasheet(HTML) 1 Page - Amkor Technology

  CLGA Datasheet HTML 1Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
data sheet
CLGA
Features:
CERAMIC
/ HERMETIC
www.amkor.com
VISIT AMKOR TECHNOLOGY ONLINE FOR LOCATIONS AND
TO VIEW THE MOST CURRENT PRODUCT INFORMATION
Ceramic Land Grid Array
Package (CLGA)
This surface mount package is the same as the
Ceramic Pin Grid Array, except that the pins are
replaced by pads. This package consists of a
co-fired ceramic base that has a matrix of pads on
the bottom of the base. The lid for this package
can be either ceramic "frit sealed" or metal "solder
sealed". This IC package technology allows
application and design engineers to maximize the
performance characteristics of semiconductors
(silicon & GaAs). CLGAs are designed for low
inductance, enhanced thermal operation and
capability. Custom performance enhancements are
available for significant improvements in electrical
response demanded by advancing electronics.
Applications:
Semiconductor technologies find enhanced
performance by using the integrated design
features of the CLGA package. Microprocessors /
controllers, ASICs, Gate Arrays, memory, DSPs and
PC chip sets find the CLGA family to be an ideal
package. Applications requiring improved thermal
performance and high-speed performance such as
desk PCs, laptop PC's, and other similar products
benefit from the CLGA attributes.
The CLGA offers a variety of feature. From
innovative designs and expanding package
offerings, Amkor provides a platform from
prototype-to-production.
•
Flexible land grid array lead counts
•
Variety of body sizes
•
50 mil staggered & 100 mil matrix land
grid pitch
•
Heat plate / heat slug / heat sink
•
Exceptional thermal and electrical
performance by design
•
Multi-layer, ground / power
•
Cavity package
DS803
Rev Date: 08’02
.


Similar Part No. - CLGA

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
CLG-100 MEANWELL-CLG-100 Datasheet
218Kb / 2P
100W Single Output Switching Power Supply
CLG-100 MEANWELL-CLG-100 Datasheet
99Kb / 1P
30~60W Single Output with PFC
CLG-100 MEANWELL-CLG-100 Datasheet
247Kb / 3P
100W Single Output Switching Power Supply
CLG-100 MEANWELL-CLG-100 Datasheet
247Kb / 3P
100W Single Output Switching Power Supply
CLG-100 MEANWELL-CLG-100 Datasheet
250Kb / 3P
100W Single Output Switching Power Supply
More results

Similar Description - CLGA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
U99A NSC-U99A Datasheet
65Kb / 1P
99 Pin Ceramic Pin Grid Array NS Package Number U99A
logo
STATS ChipPAC, Ltd.
FLGA STATSCHIP-FLGA Datasheet
515Kb / 2P
Fine Pitch Land Grid Array
FLGA-SD STATSCHIP-FLGA-SD Datasheet
537Kb / 2P
Fine Pitch Land Grid Array - Stacked Die
logo
National Semiconductor ...
U84C NSC-U84C Datasheet
71Kb / 1P
84 Pin Ceramic Pin Grid Array
U120A NSC-U120A Datasheet
69Kb / 1P
120 Pin Ceramic Pin Grid Array
logo
fujitsu semiconductor
BGA-320P-M06 FUJITSU-BGA-320P-M06 Datasheet
34Kb / 1P
PLASTIC BALL GRID ARRAY PACKAGE 320 PIN PLASTIC
logo
Amkor Technology
CPGA AMKOR-CPGA Datasheet
533Kb / 1P
Ceramic Pin Grid Array Package
PPGA AMKOR-PPGA Datasheet
304Kb / 1P
Plastic Pin Grid Array Package
logo
Maxim Integrated Produc...
90-0171 MAXIM-90-0171 Datasheet
28Kb / 1P
PACKAGE LAND PATTERN, (U28) 4.4MM TSSOP
Rev B
90-0360 MAXIM-90-0360 Datasheet
63Kb / 1P
PACKAGE LAND PATTERN, (G2044Y1)
Rev A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com