Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JDV2S42FS Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # JDV2S42FS
Description  TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JDV2S42FS Datasheet(HTML) 2 Page - Toshiba Semiconductor

  JDV2S42FS Datasheet HTML 1Page - Toshiba Semiconductor JDV2S42FS Datasheet HTML 2Page - Toshiba Semiconductor JDV2S42FS Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JDV2S42FS
2
2023-03-08
Rev.1.0
© 2023
Toshiba Electronic Devices & Storage Corporation
4. Marking
Marking (TOP VIEW)
Equivalent Circuit
5. Characteristics Curves (Note)
C (%) =
(25)
C
(25)
C
(Ta)
C
−
 100
Note: The characteristics curves are presented for reference only and not guaranteed by production test, unless otherwise noted.
REVERSE VOLTAGE
VR
(V)
REVERSE VOLTAGE
VR
(V)
Figure 5.3
rs – VR
Figure 5.4
C – Ta
Figure 5.1
IR – VR
0
0.01
5
10
15
20
0.1
1
10
100
25
Ta = 80°C
60
25
Figure 5.2 CV - VR
0
4
8
12
f = 1MHz
Ta = 25 °C
16
1
3
5
10
f = 470 MHz
Ta = 25 °C
1
0
3
0.2
0.4
0.6
5
10
30
0.8
VR = 1 V
6 V
-50
-25
-2
-1
0
1
3
0
25
50
75
125
10 V
f = 1 MHz
100
-3
2
2 V
REVERSE VOLTAGE
VR
(V)
ANBIENT TEMPERATURE
Ta
(°C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com