Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

240128-06-SL-R-ST-LED-WH Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # 240128-06-SL-R-ST-LED-WH
Description  240 x 128 Dot Graphic LCD Assembly With T6963C Toshiba Graphic LCD Controller EL Panel & LED Backlight Assembly
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

240128-06-SL-R-ST-LED-WH Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button 240128-06-SL-R-ST-LED-WH Datasheet HTML 15Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-WH Datasheet HTML 16Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-WH Datasheet HTML 17Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-WH Datasheet HTML 18Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-WH Datasheet HTML 19Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-WH Datasheet HTML 20Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-WH Datasheet HTML 21Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-WH Datasheet HTML 22Page - List of Unclassifed Manufacturers 240128-06-SL-R-ST-LED-WH Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 240128-06
Pacific Display Devices
03.07.2006
19
● Mode Set
Code
Function
Operand
1000x000
"OR" Mode
---
1000x001
"EXOR" Mode
---
1000x011
"AND" Mode
---
1000x100
"TEXT ATTRIBUTE" Mode
---
10000xxx
Internal Character Generator Mode
---
10001xxx
External Character Generator Mode
---
x : Don’t care
The display mode is defined by this command. The display mode don’t have changed until to send next this command.
Logically "OR" , "EXOR", "AND" of text and graphic dispaly can be displayed.
When internal character generator mode is selected, character code 00H~7FH are selected from built-in character
generator ROM. The character code 80H~FFH are automatically selected external character generator RAM.
(Example)
Graphic
Text
"OR"
"AND"
"EXOR"
Note : Only text display is attributed, because attribute data is located in graphic RAM area.
Attribute function
"Reverse display", "Character blink" and "Inhibit" are called "Attribute". The attribute data is written in the graphic
area defined by control word set command. The mode set command selects text display only and graphic display cannot be
displayed.
The attribute data of the lst character in text area is written at the lst byte in graphic area, and attribute data of n-th
character is written at the n-th byte in graphic area. Attribute function is defined as follow.
Attribute RAM byte
x
x
x
x
d3
d2
d1
d0
d3
d2
d1
d0
Function
0
0
0
0
Normal display
0
1
0
1
Reverse display
0
0
1
1
Inhibit display
1
0
0
0
Blink of normal display
1
1
0
1
Blink of reverse display
1
0
1
1
Blink of inhibit display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com