Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS30A60FS Datasheet(PDF) 1 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # ADS30A60FS
Description  SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

ADS30A60FS Datasheet(HTML) 1 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  ADS30A60FS Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS30A60FS Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS30A60FS Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS30A60FS Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS30A60FS Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS30A60FS Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
                                       ADS30A60F/80F
 
1 / 6
www.advsemi.com
Feb,2013 -Rev.3.01
ADV
Symbol
Items
Conditions
Ratings
Unit
VDRM
Repetitive Peak Off-State Voltage
Tj=25°C
ADS30A60F
600
V
VRRM
Repetitive peak reverse voltage
ADS30A80F
800
V
IT(AV)
Average On-State Current
Half Sine Wave , Tc = 95°C
20
A
IT(RMS)
R.M.S On-State Current
Half Sine Wave , Tc = 95°C
30
A
ITSM
Surge On-State Current
1/2 Cycle, Sine Wave Non-Repetitive,
tp=10ms(50Hz)Tj =25°C
330
A
I
2t
I
2t for Fusing
Tj =25°C,tp =10ms
550
A
2S
PGM
Forward Peak Gate Power Dissipation
Tj =125°C, Pulse Width ≤ 20㎲
5
W
PG(AV)
Forward Average Gate Power
Dissipation
Tj =25°C, tp =10ms
1
W
IGM
Peak Gate Current
Tj =125°C, Pulse Width ≤ 20㎲
4
A
Tj
Operating Junction Temperature
- 40 ~ 125
°C
TSTG
Storage Temperature
- 40 ~ 150
°C
SCRs
General Description
The 30A SCR series of silicon controlled rectifiers,with high ability
to withstand the shock loading of large current,provide high dv/dt
rate with strong resistance to electromagnetic interference.They
are especially recommended for use on solid state relay,motorcycle,
power charger,T-tools etc.
Features
◆
Repetitive Peak Off-State Voltage : 600V and 800V
◆
R.M.S On-State Current ( IT(RMS)= 30 A )
◆
These are Pb-Free Devices
Absolute Maximum Ratings
Scan the QR code to view the latest product information
ADV
1
3
2
TO-220F
2.A
1.K
3.G


Similar Part No. - ADS30A60FS

ManufacturerPart #DatasheetDescription
logo
Advanced (Shenzhen) Ele...
ADS30A60 ADV-ADS30A60 Datasheet
294Kb / 6P
SCRs
Feb,2013 -Rev.3.01
ADS30A60H ADV-ADS30A60H Datasheet
291Kb / 6P
SCRs
Feb,2013 -Rev.3.01
ADS30A60HS ADV-ADS30A60HS Datasheet
291Kb / 6P
SCRs
Feb,2013 -Rev.3.01
ADS30A60HT ADV-ADS30A60HT Datasheet
291Kb / 6P
SCRs
Feb,2013 -Rev.3.01
ADS30A60HW ADV-ADS30A60HW Datasheet
291Kb / 6P
SCRs
Feb,2013 -Rev.3.01
More results

Similar Description - ADS30A60FS

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S201E TECCOR-S201E Datasheet
222Kb / 12P
SCRs
logo
Central Semiconductor C...
2N4167 CENTRAL-2N4167 Datasheet
57Kb / 1P
SCRs
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
SCRS
US108S UTC-US108S_11 Datasheet
131Kb / 3P
SCRS
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
New Jersey Semi-Conduct...
2N4149 NJSEMI-2N4149 Datasheet
68Kb / 2P
SCRs
logo
HAOPIN MICROELECTRONICS...
C106D HAOPIN-C106D Datasheet
236Kb / 4P
SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
SCRs
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com