Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2003BQ Datasheet(PDF) 3 Page - NXP Semiconductors

Part # GTL2003BQ
Description  8-bit bidirectional low voltage translator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2003BQ Datasheet(HTML) 3 Page - NXP Semiconductors

  GTL2003BQ Datasheet HTML 1Page - NXP Semiconductors GTL2003BQ Datasheet HTML 2Page - NXP Semiconductors GTL2003BQ Datasheet HTML 3Page - NXP Semiconductors GTL2003BQ Datasheet HTML 4Page - NXP Semiconductors GTL2003BQ Datasheet HTML 5Page - NXP Semiconductors GTL2003BQ Datasheet HTML 6Page - NXP Semiconductors GTL2003BQ Datasheet HTML 7Page - NXP Semiconductors GTL2003BQ Datasheet HTML 8Page - NXP Semiconductors GTL2003BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
GTL2003_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 27 July 2007
3 of 19
NXP Semiconductors
GTL2003
8-bit bidirectional low voltage translator
6.
Pinning information
6.1 Pinning
6.2 Pin description
[1]
DHVQFN package die supply ground is connected to both GND pin and exposed center pad. GND pin must
be connected to supply ground for proper device operation. For enhanced thermal, electrical, and board
level performance, the exposed pad needs to be soldered to the board using a corresponding thermal pad
on the board and for proper heat conduction through the board, thermal vias need to be incorporated in the
printed-circuit board in the thermal pad region.
Fig 2.
Pin configuration for TSSOP20
Fig 3.
Pin configuration for DHVQFN20
GTL2003PW
GND
GREF
SREF
DREF
S1
D1
S2
D2
S3
D3
S4
D4
S5
D5
S6
D6
S7
D7
S8
D8
002aac639
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
002aac640
GTL2003BQ
Transparent top view
D7
S6
S7
D6
S5
D5
S4
D4
S3
D3
S2
D2
S1
D1
SREF
DREF
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
terminal 1
index area
Table 3.
Pin description
Symbol
Pin
Description
GND
1[1]
ground (0 V)
SREF
2
source of reference transistor
S1 to S8
3, 4, 5, 6, 7, 8, 9, 10
Port S1 to Port S8
D1 to D8
18, 17, 16, 15, 14, 13, 12, 11
Port D1 to Port D8
DREF
19
drain of reference transistor
GREF
20
gate of reference transistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com