Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT4A80FT Datasheet(PDF) 1 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # ADT4A80FT
Description  SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

ADT4A80FT Datasheet(HTML) 1 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  ADT4A80FT Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT4A80FT Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT4A80FT Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT4A80FT Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT4A80FT Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT4A80FT Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
                                       ADT4A60F/80F
 
1 / 6
www.advsemi.com
Feb,2013 -Rev.3.01
ADV
Symbol
Items
Conditions
Ratings
Unit
VDRM
Repetitive Peak Off-State Voltage
Tj=25°C
ADT4A60F
600
V
VRRM
Repetitive peak reverse voltage
ADT4A80F
800
V
IT(AV)
Average On-State Current
Half Sine Wave , Tc = 100°C
3.5
A
IT(RMS)
R.M.S On-State Current
Half Sine Wave , Tc = 100°C
4
A
ITSM
Surge On-State Current
1/2 Cycle, Sine Wave Non-Repetitive,
tp=10ms(50Hz)Tj =25°C
36
A
I
2t
I
2t for Fusing
Tj =25°C,tp =10ms
4.5
A
2S
dI/dt
Critical rate of rise of on-state current
Tj =125°C, tr≤ 100ns
50
A/μs
PGM
Forward Peak Gate Power Dissipation
Tj =125°C, Pulse Width ≤ 20㎲
2
W
PG(AV)
Forward Average Gate Power
Dissipation
Tj =25°C, tp =10ms
0.2
W
IGM
Peak Gate Current
Tj =125°C, Pulse Width ≤ 20㎲
1.2
A
Tj
Operating Junction Temperature
- 40 ~ 125
°C
TSTG
Storage Temperature
- 40 ~ 150
°C
SCRs
General Description
Available either in sensitive or standard gate triggering levels, the 4A
SCR series is suitable to fit all modes of control found inapplications
such as overvoltage crowbar protection, motor control circuits in power
tools and kitchen aids, in-rush current limiting circuits,capacitive discharge
ignition, voltage regulation circuits...
Features
◆
Repetitive Peak Off-State Voltage : 600V and 800V
◆
R.M.S On-State Current ( IT(RMS)= 4A )
◆
These are Pb-Free Devices
Absolute Maximum Ratings
1
3
2
TO-220F
2.A
1.K
3.G
Scan the QR code to view the latest product information
ADV


Similar Part No. - ADT4A80FT

ManufacturerPart #DatasheetDescription
logo
Advanced (Shenzhen) Ele...
ADT4A80 ADV-ADT4A80 Datasheet
297Kb / 6P
SCRs
Feb,2013 -Rev.3.01
ADT4A80B ADV-ADT4A80B Datasheet
296Kb / 6P
SCRs
Feb,2013 -Rev.3.01
ADT4A80BS ADV-ADT4A80BS Datasheet
296Kb / 6P
SCRs
Feb,2013 -Rev.3.01
ADT4A80BT ADV-ADT4A80BT Datasheet
296Kb / 6P
SCRs
Feb,2013 -Rev.3.01
ADT4A80BW ADV-ADT4A80BW Datasheet
296Kb / 6P
SCRs
Feb,2013 -Rev.3.01
More results

Similar Description - ADT4A80FT

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S201E TECCOR-S201E Datasheet
222Kb / 12P
SCRs
logo
Central Semiconductor C...
2N4167 CENTRAL-2N4167 Datasheet
57Kb / 1P
SCRs
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
SCRS
US108S UTC-US108S_11 Datasheet
131Kb / 3P
SCRS
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
New Jersey Semi-Conduct...
2N4149 NJSEMI-2N4149 Datasheet
68Kb / 2P
SCRs
logo
HAOPIN MICROELECTRONICS...
C106D HAOPIN-C106D Datasheet
236Kb / 4P
SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
SCRs
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com