Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT4A80FS Datasheet(PDF) 2 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # ADT4A80FS
Description  SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

ADT4A80FS Datasheet(HTML) 2 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  ADT4A80FS Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT4A80FS Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT4A80FS Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT4A80FS Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT4A80FS Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT4A80FS Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
 
 
                                       ADT4A60F/80F
 
2 / 6
www.advsemi.com
Feb,2013 -Rev.3.01
ADV
Electrical Characteristics ( Tj = 25°C unless otherwise specified )
Symbol
Items
Conditions
ADT4A60F/80F
Unit
T
S
IDRM
IRRM
Peak Forward Reverse
Blocking Current
VDRM = VRRM, RGK = 1KΩ
Tj = 25°C
Max.
5
uA
VDRM = VRRM, RGK = 1KΩ
Tj = 125°C
1
mA
VTM
Peak On-State Voltage
ITM = 10A, tp = 380 μs
Max.
1.7
V
VGD
Non-Trigger Gate Voltage
VD = VDRM RL = 3.3 kΩ
RGK = 1KΩ Tj = 125°C
Min.
0.2
V
VGT
Gate Trigger Voltage
VD = 12V ,RL = 33Ω
Max.
1.3
V
IGT
Gate Trigger Current
Max.
0.2
15
mA
IH
Holding Current
IT = 0.05A RGK = 1KΩ
Max.
5
40
mA
IL
Latching Current
IG = 1.2 IGT RGK = 1KΩ
Max.
6
50
mA
dV/dt
Critical Rate of Rise of
Off-State Voltage
VD = 2/3VDRM gate open
RGK = 1KΩ
Tj = 125°C
Min.
5
150
V/μs
Rth(j-c)
Junction to case
Max.
3.0
°C/W
Rth(j-a)
Junction to ambient
Max.
60
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com