Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

240128-06-SL-R-ET-LED-WH Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # 240128-06-SL-R-ET-LED-WH
Description  240 x 128 Dot Graphic LCD Assembly With T6963C Toshiba Graphic LCD Controller EL Panel & LED Backlight Assembly
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

240128-06-SL-R-ET-LED-WH Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button 240128-06-SL-R-ET-LED-WH Datasheet HTML 11Page - List of Unclassifed Manufacturers 240128-06-SL-R-ET-LED-WH Datasheet HTML 12Page - List of Unclassifed Manufacturers 240128-06-SL-R-ET-LED-WH Datasheet HTML 13Page - List of Unclassifed Manufacturers 240128-06-SL-R-ET-LED-WH Datasheet HTML 14Page - List of Unclassifed Manufacturers 240128-06-SL-R-ET-LED-WH Datasheet HTML 15Page - List of Unclassifed Manufacturers 240128-06-SL-R-ET-LED-WH Datasheet HTML 16Page - List of Unclassifed Manufacturers 240128-06-SL-R-ET-LED-WH Datasheet HTML 17Page - List of Unclassifed Manufacturers 240128-06-SL-R-ET-LED-WH Datasheet HTML 18Page - List of Unclassifed Manufacturers 240128-06-SL-R-ET-LED-WH Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 240128-06
Pacific Display Devices
03.07.2006
15
(2) Offset Register Set
The offset register is used to determine external character generator RAM area.
T6963C has 16 bit address lines as follow.
MSB
LSB
ad15 ad14 ad13 ad12 ad11 ad10
ad9
ad8
ad7
ad6
ad5
ad4
ad3
ad2
ad1
ad0
The upper 5 bit (ad15
∼ad11) are determined by offset register. The middle 8 bit (ad10∼ad3) are determined by
character code. The lower 3 bit (ad2
∼ad0) are determined by vertical counter. The lower 5 bit of D1 (data) are valid. The data
format of external character generator RAM.
The ralationship of display RAM address and offset register
Data of offset register
CG RAM HEX address(start-end)
00000
0000-07FFH
00001
0800-0FFFH
00010
1000-17FFH
11100
E000-E7FFH
11101
E800-EFFFH
11110
F000-F7FFH
11111
F800-FFFFH
(Example 1)
Offset register
02H
Character code
80H
Character generator RAM start address
0001
0100
0000
0000
1
4
0
0
H
( Address )
( Data )
1400H
00H
1401H
1FH
1402H
04H
1403H
04H
1404H
04H
1405H
04H
1406H
04H
1407H
00H
(Example 2)
The relationship of display RAM data and display character
( RAM Data )
( Character )
A B
γ D E ζ G H I J K L M
21H
A
22H
B
83H
γ
24H
D
25H
E
86H
ζ
Display character
Note :
γ and ζ are displated by character generator RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com