Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBU601 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # KBU601
Description  Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBU601 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  KBU601 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBU601 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 681 -
RATINGS AND CHARACTERISTIC CURVES (KBU601 THRU KBU607)
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
0
20
40
60
80
100
120
140
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=100 C
0
Tj=25 C
0
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER BRIDGE ELEMENT
0.6
0.7
0.8
0.9
1.0
1.1
1.3
1.2
0.1
0.2
0.4
1
4
10
40
20
100
INSTANTANEOUS FORWARD VOLTAGE. (V)
FIG.2- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
50
100
150
0
2
4
6
ELEMENT TEMPERATURE. ( C)
o
MOUNTED ON 4X4 INCH
COPPER PC BOARD
0.5"(12.7mm) LEAD LENGTH
FIG.1- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER BRIDGE ELEMENT
10
2
5
1
50
20
100
175
100
125
75
25
50
150
200
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
Tj=25 C
0
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com