Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1786-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P1786-S08-R
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1786-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  P1786-S08-R Datasheet HTML 1Page - Unisonic Technologies P1786-S08-R Datasheet HTML 2Page - Unisonic Technologies P1786-S08-R Datasheet HTML 3Page - Unisonic Technologies P1786-S08-R Datasheet HTML 4Page - Unisonic Technologies P1786-S08-R Datasheet HTML 5Page - Unisonic Technologies P1786-S08-R Datasheet HTML 6Page - Unisonic Technologies P1786-S08-R Datasheet HTML 7Page - Unisonic Technologies P1786-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P1786
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2007 Unisonic Technologies Co., Ltd
QW-R103-038.A
PWM CONTROL 3A
STEP-DOWN CONVERTER
DESCRIPTION
UTC P1786 consists of 3A step-down switching regulator
control which include a reference voltage source, oscillation
circuit, error amplifier, internal PMOS and etc with PWM.
UTC P1786 can provide low-ripple power, high efficiency,
and excellent transient characteristics. An enable function, an
over current protect and short circuit protect function are built
inside, so the operation frequency can be reduced from
300KHz to 30KHz when OCP or SCP happens. The PWM
control circuit can vary the duty ratio linearly from 100 down to
0%. This converter also includes an error amplifier circuit as
well as a soft-start circuit that prevents overshoot at startup.
Also, to minimum external component counts for an internal
compensation block is built in.
These ICs can work as step-down switching regulators with
the addition of an internal P-channel Power MOS, a coil,
capacitors, and a diode connected externally. They provides
such outstanding features: low current consumption. It is also
suitable for the operation via an AC adapter because this
converter accommodate an input voltage up to 23V.
FEATURES
* Input voltage: 3.6V ~ 23V
* Output voltage: 0.8V ~ VCC
* Duty ratio: 0% to 100% PWM control
* Oscillation frequency: 300KHz typ.
* Soft-start, current limit, enable function
* Thermal shutdown function
* Built-in internal SW P-channel MOS
SOP-8
*Pb-free plating product number: P1786L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
P1786-S08-R
P1786L-S08-R
SOP-8
Tape Reel
P1786-S08-T
P1786L-S08-T
SOP-8
Tube


Similar Part No. - P1786-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1786 UTC-P1786 Datasheet
252Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1786 UTC-P1786 Datasheet
254Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1786G-S08-R UTC-P1786G-S08-R Datasheet
252Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1786G-S08-R UTC-P1786G-S08-R Datasheet
254Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1786G-S08-T UTC-P1786G-S08-T Datasheet
254Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
More results

Similar Description - P1786-S08-R

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
PWM Control 3A Step-Down Converter
Rev. 1. 3 May 09, 2006
logo
Diodes Incorporated
AP1580 DIODES-AP1580 Datasheet
327Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
logo
Unisonic Technologies
P1786 UTC-P1786_09 Datasheet
252Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
Rev 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com