Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS4530CAP Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PS4530CAP
Description  Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4530CAP Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PS4530CAP Datasheet HTML 2Page - Pericom Semiconductor Corporation PS4530CAP Datasheet HTML 3Page - Pericom Semiconductor Corporation PS4530CAP Datasheet HTML 4Page - Pericom Semiconductor Corporation PS4530CAP Datasheet HTML 5Page - Pericom Semiconductor Corporation PS4530CAP Datasheet HTML 6Page - Pericom Semiconductor Corporation PS4530CAP Datasheet HTML 7Page - Pericom Semiconductor Corporation PS4530CAP Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4530CAP Datasheet HTML 9Page - Pericom Semiconductor Corporation PS4530CAP Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
PS8591D
11/17/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS4530/PS4531/PS4532
Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
Electrical Characteristics - Single 5V Supply
(V+ = +5V ±10%, V– = –0V, GND = 0V, VADD_H = VEN_H = VLE = 2.4V, VADD_L = VEN_L = 0.8V, TA = TMIN to TMAX,
unless otherwise noted)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
M
)
2
(
p
y
T
)
2
(
x
a
M
)
2
(
s
t
i
n
U
D
H
T
,
n
o
it
r
o
t
s
i
D
TA
C
°
5
2
+
=
5
2
0
.
0
t
u
p
n
I
c
i
g
o
L
e
c
n
a
ti
c
a
p
a
C
C N
I
z
H
M
1
=
f3
F
p
e
c
n
a
ti
c
a
p
a
C
f
f
O
-
O
NC
)
F
F
O
(
O
N
V
,
z
H
M
1
=
f
N
E
V
=
M
O
C
V
0
=3
e
c
n
a
ti
c
a
p
a
C
f
f
O
-
M
O
CC
)
F
F
O
(
M
O
C
,
z
H
M
1
=
f
V 2
N
E
V
=
M
O
C
V
0
=
0
3
5
4
S
P5
1
1
3
5
4
S
P9
2
3
5
4
S
P6
e
c
n
a
ti
c
a
p
a
C
n
O
-
M
O
CC
)
N
O
(
M
O
C
,
z
H
M
1
=
f
V 1
N
E
V
=
M
O
C
V
0
=
V 2
N
E
V
4
.
2
=
0
3
5
4
S
P6
2
1
3
5
4
S
P0
2
2
3
5
4
S
P7
1
Electrical Specifications - Dual Supplies(continued)
(V+ = +5V ±10%, V– = –5V ±10%, GND = 0V, VADD_H = VEN_H = VLE = 2.4V, VADD_L = VEN_L = 0.8V, TA = TMIN to TMAX,
unless otherwise noted)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
M
)
2
(
p
y
T
)
2
(
x
a
M
)
2
(
s
t
i
n
U
h
c
t
i
w
S
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
AV M
O
C
V
,
O
N
e
t
o
N
)
3
(
0+
VV
e
c
n
a
t
s
i
s
e
R
-
n
ORON
I O
N
V
,
A
m
1
=
M
O
C
V
5
.
3
=
5
.
4
=
+
VV
TA
C
°
5
2
+
=5
25
6
m
h
O
TA T
=
N
I
M
T
o
t
X
A
M
5
7
e
c
n
a
t
s
i
s
e
R
-
n
O
n
e
e
w
t
e
B
g
n
i
h
c
t
a
M
s
l
e
n
n
a
h
C
)
4
,
3
(
∆RON
I O
N
V
,
A
m
1
=
M
O
C
V
5
.
3
=
5
.
4
=
+
VV
TA
C
°
5
2
+
=1
8
TA T
=
N
I
M
T
o
t
X
A
M
2
1
s
s
e
n
t
a
l
F
e
c
n
a
t
s
i
s
e
R
-
n
OR
T
A
L
F
I O
N
V
,
A
m
1
=
M
O
C
,
V
1
,
V
/
2
,
V
3
=
5
.
4
=
+
VV
TA
C
°
5
2
+
=4
e
g
a
k
a
e
L
f
f
O
-
O
N
t
n
e
r
r
u
C
)
8
(
I
)
F
F
O
(
O
N
V O
N
V
,
V
5
.
4
=
M
O
C
,
V
1
,
V
5
.
4
=
5
.
4
=
+
VV
TA
C
°
5
2
+
=0
8
–0
8
A
n
TA T
=
N
I
M
T
o
t
X
A
M
0
0
1
–0
0
1
e
g
a
k
a
e
L
f
f
O
-
M
O
C
t
n
e
r
r
u
C
)
8
(
I
)
F
F
O
(
M
O
C
V M
O
C
;
V
1
,
V
5
.
4
=
V O
N
V
1
=;
V
5
.
4
,
V
5
.
5
=
+
V
0
3
5
4
S
P
TA
C
°
5
2
+
=0
8
–0
8
TA T
=
N
I
M
T
o
t
X
A
M
0
0
1
–0
0
1
,
3
5
4
S
P
2
3
5
4
S
P
TA
C
°
5
2
+
=0
8
–0
8
TA T
=
N
I
M
T
o
t
X
A
M
0
0
1
–0
0
1
e
g
a
k
a
e
L
n
O
-
M
O
C
t
n
e
r
r
u
C
)
8
(
I
)
N
O
(
M
O
C
0
3
5
4
S
P
TA
C
°
5
2
+
=0
8
–0
8
TA T
=
N
I
M
T
o
t
X
A
M
0
0
1
–0
0
1
,
1
3
5
4
S
P
2
3
5
4
S
P
TA
C
°
5
2
+
=0
8
–0
8
TA T
=
N
I
M
T
o
t
X
A
M
0
0
1
–0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com