Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS4532EWP Datasheet(PDF) 12 Page - Pericom Semiconductor Corporation

Part # PS4532EWP
Description  Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4532EWP Datasheet(HTML) 12 Page - Pericom Semiconductor Corporation

Back Button PS4532EWP Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4532EWP Datasheet HTML 9Page - Pericom Semiconductor Corporation PS4532EWP Datasheet HTML 10Page - Pericom Semiconductor Corporation PS4532EWP Datasheet HTML 11Page - Pericom Semiconductor Corporation PS4532EWP Datasheet HTML 12Page - Pericom Semiconductor Corporation PS4532EWP Datasheet HTML 13Page - Pericom Semiconductor Corporation PS4532EWP Datasheet HTML 14Page - Pericom Semiconductor Corporation PS4532EWP Datasheet HTML 15Page - Pericom Semiconductor Corporation PS4532EWP Datasheet HTML 16Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
PS8591D
11/17/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS4530/PS4531/PS4532
Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
Figure 3. Break-Before-Make Interval
V+
+3V
LE
V+
COM
GND
V–
V–
ADDC
ADDB
ADDA
EN1
EN2
NO1-NO7
50
Ohm
V+
VOUT
300
Ohm
35pF
PS4530
tBBM
V
OUT
V
ADD_
VNO_
tF = <20ns
tR = <20ns
90%
V+
0V
0V
50%
VADD_
V+
+3V
LE
V+
COM
GND
V–
V–
ADDA
ADDB
EN2
EN1
NO0_-NO3_
50
Ohm
V+
VOUT
300
Ohm
35pF
PS4531
VADD_
V+
+3V
LE
V+
COM
GND
V–
V–
ADD_
EN2
EN1
NO_-NO3_
50
Ohm
V+
VOUT
300
Ohm
35pF
PS4532
VADD_
V– = 0V for Single-Supply Operation.
Repeat Test for Each Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com