Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # LL4148
Description  0.2 AMPS. High Speed Switching Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LL4148 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  LL4148 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LL4148 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
Features
Surge overload ratings to 2 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique results in
inexpensive product
Terminal : Pure tin plated lead free,
Mounting position: Any
Weight: 0.12 gram
Maximum Ratings and Electrical Characteristics
Rating at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Maximum Ratings
Type Number
Symbol
Value
Units
Repetitive Peak Reverse Voltage
VRRM
100
V
Reverse Voltage
VR
75
V
Forward Repetitive Peak Current (Note 1)
IFRM
500
mA
Average Forwardt Current
IF (AV)
150
mA
Peak Forward Surge Current
tp=1uS
IFSM
2.0
A
Power Dissipation (Note 1)
Pd
500
mW
Thermal Resistance Junction to Ambient Air ( Note 1 )
RθJA
350
K/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 175
oC
Electrical Characteristics
Type Number
Symbol
Min
Max
Units
Forward Voltage
IF=5.0mA
IF= 50mA
VF
0.62
-
0.72
1.0
V
Peak Reverse Current
VR=20V
VR=20V, Tj=150
oC
VR=75V
IR
-
25
50
5
nA
uA
uA
Junction Capacitance
VR=0, f=1.0MHz
Cj
-
4.0
pF
Reverse Recovery Time (Note 2)
trr
-
4.0
nS
Notes:
1. Valid Provided that Terminals are Kept at Ambient Temperature.
2. Reverse Recovery Test Conditions: IF=10mA,VR=6V, Irr=0.1 x IR, RL=100Ω
.
LL4148
0.2 AMPS. High Speed Switching Rectifiers
MINI MELF
0.019(0.50)
0.011(0.28)
0.063(1.60)
0.051(1.30)
0.145(3.70)
0.129(3.30)


Similar Part No. - LL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Won-Top Electronics
LL4148 WTE-LL4148 Datasheet
32Kb / 3P
FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4148 SEMTECH-LL4148 Datasheet
219Kb / 4P
Silicon Expitaxial Planar Diode
logo
Shanghai Lunsure Electr...
LL4148 CHENYI-LL4148 Datasheet
162Kb / 3P
SMALL SIGNAL SWITCHING DIODE
More results

Similar Description - LL4148

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS4148 ETC1-TS4148 Datasheet
145Kb / 3P
0.3 AMPS High Speed Switching Diode
logo
Taiwan Semiconductor Co...
HER151 TSC-HER151 Datasheet
267Kb / 2P
1.5 AMPS. High Efficient Rectifiers
HER201 TSC-HER201_1 Datasheet
269Kb / 2P
2.0 AMPS. High Efficiency Rectifiers
HER301 TSC-HER301_1 Datasheet
269Kb / 2P
3.0 AMPS. High Efficient Rectifiers
HER601 TSC-HER601 Datasheet
71Kb / 2P
6.0 AMPS. High Efficient Rectifiers
logo
Yangzhou yangjie electr...
HER301-UF5400 YANGJIE-HER301-UF5400 Datasheet
315Kb / 2P
3.0 AMPS. HIGH EFFICIENT RECTIFIERS
logo
Shenzhen Luguang Electr...
LL4148 LUGUANG-LL4148 Datasheet
299Kb / 2P
0.2AMP. High Speed Switching Rectifiers
logo
Dongguan City Niuhang E...
1N4148W NIUHANG-1N4148W Datasheet
538Kb / 3P
HIGH SPEED SWITCHING RECTIFIERS
BAV19W NIUHANG-BAV19W Datasheet
214Kb / 3P
HIGH SPEED SWITCHING RECTIFIERS
BAV56 NIUHANG-BAV56 Datasheet
417Kb / 3P
HIGH SPEED SWITCHING RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com