Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4448 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # LL4448
Description  500mW Hermetically Sealed Glass Fast Switching Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LL4448 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  LL4448 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LL4448
500mW Hermetically Sealed
Glass Fast Switching Diodes
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
MINI MELF
Features
Fast Switching Device
Mini Melf package
Surface device type mounting
Hermetically sealed glass
Compression bonded construction
All external surface are corrosion
resistant and leads are readily solderable
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
oCambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Maximum Ratings
Type Number
Symbol
Value
Units
Repetitive Peak Reverse Voltage
VRRM
100
V
Reverse Voltage
VR
75
V
Non- Repetitive Peak Forward Current
IFM
450
mA
Average Rectified Current
Io
150
mA
Peak Forward Surge Current
tp=1uS
IFSM
2.0
A
Power Dissipation (Note 1)
Pd
500
mW
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 175
OC
Electrical Characteristics
Type Number
Symbol
Min
Max
Units
Forward Voltage
IF=5.0mA
IF= 100mA
VF
0.62
-
0.72
1.0
V
Peak Reverse Current
VR=20V
VR=75V
IR
-
25
5
nA
uA
Junction Capacitance
VR=0, f=1.0MHz
Cj
-
4.0
pF
Reverse Recovery Time (Note)
trr
-
4.0
nS
Notes: Reverse Recovery Test Conditions: IF=10mA,VR=6V, Irr=0.1 x IR, RL=100Ω.
Version: A07


Similar Part No. - LL4448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4448 VISHAY-LL4448 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Zowie Technology Corpor...
LL4448 ZOWIE-LL4448 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4448 SEMTECH-LL4448 Datasheet
261Kb / 4P
Silicon Expitaxial Planar Diode?
logo
Shanghai Lunsure Electr...
LL4448 CHENYI-LL4448 Datasheet
170Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Diodes Incorporated
LL4448 DIODES-LL4448 Datasheet
57Kb / 2P
FAST SWITCHING SURFACE MOUNT DIODE
DS12013 Rev. F-2
More results

Similar Description - LL4448

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL914B TSC-LL914B Datasheet
69Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
BAV100 TSC-BAV100 Datasheet
94Kb / 2P
500mW Hermetically Sealed Glass High Voltage Switching Diodes
LL4148L TSC-LL4148L Datasheet
911Kb / 3P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
SeCoS Halbleitertechnol...
LS4448 SECOS-LS4448 Datasheet
93Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
logo
Tak Cheong Electronics ...
TCLS4148 TAK_CHEONG-TCLS4148 Datasheet
90Kb / 3P
500mW QUADRO Mini-MELF Hermetically Sealed Glass Fast Switching Diodes
logo
SeCoS Halbleitertechnol...
LS4448 SECOS-LS4448_15 Datasheet
231Kb / 2P
Hermetically Sealed Glass Fast Switching Diodes
logo
Taiwan Semiconductor Co...
LL4148L TSC-LL4148L_15 Datasheet
223Kb / 5P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
Guangdong Juxing Electr...
LL4148 JUXING-LL4148 Datasheet
548Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
SeCoS Halbleitertechnol...
LL4148 SECOS-LL4148_18 Datasheet
182Kb / 2P
Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com