Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

240128-06-FN-R-ET-ELP-WH Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 240128-06-FN-R-ET-ELP-WH
Description  240 x 128 Dot Graphic LCD Assembly With T6963C Toshiba Graphic LCD Controller EL Panel & LED Backlight Assembly
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

240128-06-FN-R-ET-ELP-WH Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 240128-06-FN-R-ET-ELP-WH Datasheet HTML 2Page - List of Unclassifed Manufacturers 240128-06-FN-R-ET-ELP-WH Datasheet HTML 3Page - List of Unclassifed Manufacturers 240128-06-FN-R-ET-ELP-WH Datasheet HTML 4Page - List of Unclassifed Manufacturers 240128-06-FN-R-ET-ELP-WH Datasheet HTML 5Page - List of Unclassifed Manufacturers 240128-06-FN-R-ET-ELP-WH Datasheet HTML 6Page - List of Unclassifed Manufacturers 240128-06-FN-R-ET-ELP-WH Datasheet HTML 7Page - List of Unclassifed Manufacturers 240128-06-FN-R-ET-ELP-WH Datasheet HTML 8Page - List of Unclassifed Manufacturers 240128-06-FN-R-ET-ELP-WH Datasheet HTML 9Page - List of Unclassifed Manufacturers 240128-06-FN-R-ET-ELP-WH Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 240128-06
Pacific Display Devices
03.07.2006
6
2. ELECTRICAL / OPTICAL CHARACTERISTICS
2.1 DC Electrical Characteristics (VDD = +5V±10% , VSS = 0V, Ta = 25°C )
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Supply voltage for logic
VDD
---
4.5
---
5.5
V
Supply current for logic
IDD
VDD = 5V
---
12
15
mA
Input voltage ' H ' level
VIH
---
VDD -2.2
---
VDD
V
Input voltage ' L ' level
VIL
---
0
---
0.8
V
-20°C
---
22.1
---
V
25°C
---
19.3
---
V
Operating voltage for LCD
VDD- Vo
70°C
---
13.3
---
V
Supply current for LCD
Io
---
---
---
5
mA
*Vee externally supplied
■ TIMING OF POWER SUPPLY
VDD
≥ 0ms
≥ 0ms
0~50ms
4.50V
GND
Vo
SIGNAL
GND
GND
0~50ms
Note : The missing pixels may occur when the LCM is
driven except above power supply timing sequence.
POWER OFF
POWER ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com