Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSR103 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # LSR103
Description  1.0 AMP. Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LSR103 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  LSR103 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LSR103 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
LSR102 - LSR106
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
MELF
Features
Surge overload ratings to 40 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive
product
Terminal : Pure tin plated, lead free
Mounting position: Any
Weight: 0.12 gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol LSR102 LSR103 LSR104 LSR105 LSR106
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@1.0A
VF
0.55
0.70
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
1.0
10
mA
mA
Typical Junction Capacitance ( Note )
Cj
110
80
pF
Typical Thermal Resistance
RθJA
15
oC/W
Operating Temperature Range
TJ
- 65 to + 125
- 65 to + 150
oC
Storage Temperature Range
TSTG
- 65 to + 150
oC
Note: Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.


Similar Part No. - LSR103

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LSR103 TSC-LSR103 Datasheet
62Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
LSR103 TSC-LSR103 Datasheet
420Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LSR103 LUGUANG-LSR103 Datasheet
234Kb / 2P
1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
LSR103 TSC-LSR103 Datasheet
207Kb / 4P
Surface Mount Schottky Barrier Rectifiers
logo
LIGITEK electronics co....
LSR1030-PF LIGITEK-LSR1030-PF Datasheet
108Kb / 6P
TOWER TYPE LED LAMPS
More results

Similar Description - LSR103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS115 ETC-SS115 Datasheet
48Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM120A SECOS-SM120A_15 Datasheet
676Kb / 2P
1.0 AMP Surface Mount Schottky Barrier Rectifiers
SM120AF SECOS-SM120AF_15 Datasheet
236Kb / 2P
1.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SK12 DGNJDZ-SK12 Datasheet
144Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5817 DGNJDZ-SM5817 Datasheet
203Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS120-200V-DO-214AC DGNJDZ-SS120-200V-DO-214AC Datasheet
255Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS13-1A-30V-DO-214AC DGNJDZ-SS13-1A-30V-DO-214AC Datasheet
255Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5818.1A-DO-213AB DGNJDZ-SM5818.1A-DO-213AB Datasheet
237Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS12F DGNJDZ-SS12F Datasheet
341Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SK12 BYTESONIC-SK12_V01 Datasheet
535Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
2019/7/23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com