Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSR104 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # LSR104
Description  1.0 AMP. Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LSR104 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  LSR104 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LSR104 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (LSR102 THRU LSR106)
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
28
4
6
10
20
80
60
40
100
50
40
30
20
10
0
NUMBER OF CYCLES AT 60Hz
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
25
50
75
100
125
150
175
0
.25
.50
.75
1.0
LEAD TEMPERATURE. ( C)
o
Version: A06
FIG.3- TYPICAL FORWARD CHARACTERISTICS
.1
.3
.5
.7
.9
1.1
1.3
1.5
1.7
1.9
2.1
0.1
1.0
10
20
FORWARD VOLTAGE. (V)
LS
R1
05
~L
SR
10
6
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
1
0.01
0.1
10
100
100
10
1
0.1
T, PULSE DURATION. (sec)
FIG.5- TYPICAL JUNCTION CAPACITANCE
.1
.4
1.0
4
10
40
80
10
20
40
60
100
80
200
400
REVERSE VOLTAGE. (V)
LSR105~LSR106
LSR
102~LSR
104
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
100
.001
.01
.10
1.0
10
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=75 C
O
Tj=25 C
O
Tj=125 C
O



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com