Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR745 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBR745
Description  7.5 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR745 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBR745 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR745 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 108 -
.412(10.5)
MAX
.185(4.70)
.175(4.44)
.055(1.40)
.045(1.14)
.27(6.86)
.23(5.84)
.11(2.79)
.10(2.54)
.025(0.64)
.014(0.35)
.154(3.91)
.148(3.74)
DIA
PIN1
2
.113(2.87)
.103(2.62)
.16(4.06)
.14(3.56)
.037(0.94)
.027(0.68)
.205(5.20)
.195(4.95)
.594(15.1)
.587(14.9)
.56(14.22)
.53(13.46)
MBR735 THRU MBR7100
7.5 AMPS. Schottky Barrier Rectifiers
Voltage Range
35 to 100 Volts
Current
7.5 Amperes
Features
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
Metal silicon rectifier, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Guardring for overvoltage protection
High temperature soldering guaranteed:
260
oC/10 seconds,0.25”(6.35mm)from case
Mechanical Data
Cases: JEDEC TO-220A molded plastic body
Terminals: Lead solderable per MIL-STD-750, Method
2026
Polarity: As marked
Mounting position: Any
Mounting torque: 5 in. - lbs. max
Weight: 0.08 ounce, 2.24 grams
TO-220A
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
MBR
735
MBR
745
MBR
750
MBR
760
MBR
790
MBR
7100
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
35
45
50
60
90
100
V
Maximum RMS Voltage
VRMS
24
31
35
42
63
70
V
Maximum DC Blocking Voltage
VDC
35
45
50
60
90
100
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
7.5
A
Peak Repetitive Forward Current (Square Wave, 20KHz) at
Tc=105
oC
IFRM
15.0
A
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method )
IFSM
150
A
Peak Repetitive Reverse Surge Current (Note 1)
IRRM
1.0
0.5
A
Maximum Instantaneous Forward Voltage at (Note 2)
IF=7.5A,Tc=25
℃
IF=7.5A,Tc=125
℃
IF=15A,Tc=25
℃
IF=15A,Tc=125
℃
VF
–
0.57
0.84
0.72
0.75
0.65
–
–
0.92
0.82
–
–
V
Maximum Instantaneous Reverse Current @ Tc =25
℃
at Rated DC Blocking Voltage (Note 1)
@ Tc=125
℃
IR
0.1
15.0
0.5
50
0.1
–
mA
mA
Voltage Rate of Change (Rated VR)
Dv/dt
10,000
V/uS
Typical Junction Capactance
Cj
360
280
200
pF
Maximum Thermal Resistance, (Note 3)
R
θJC
R
θ
JA
5.0
15.0
℃/W
Operating Junction Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +175
℃
Notes: 1. 2.0us Pulse Width, f=1.0 KHz
2. Pulse Test: 300us Pulse Width, 1% Duty Cycle
3. Mounted on Heatsink Size of 2 in x 3 in x 0.25 in Al-Plated.


Similar Part No. - MBR745

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR745 FAIRCHILD-MBR745 Datasheet
35Kb / 3P
7.5 Ampere Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR745 DIODES-MBR745 Datasheet
65Kb / 2P
7.5A SCHOTTKY BARRIER RECTIFIER
DS23007 Rev. 7 - 2
logo
General Semiconductor
MBR745 GE-MBR745 Datasheet
75Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR745 MCC-MBR745 Datasheet
107Kb / 2P
7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Diodes Incorporated
MBR745 DIODES-MBR745 Datasheet
67Kb / 3P
7.5A SCHOTTKY BARRIER RECTIFIER
DS23007 Rev. 9 - 2
More results

Similar Description - MBR745

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SR735 JGD-SR735 Datasheet
154Kb / 2P
7.5 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
MBR735 FAIRCHILD-MBR735 Datasheet
35Kb / 3P
7.5 Ampere Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBR735 TSC-MBR735_1 Datasheet
266Kb / 2P
7.5 AMPS. Schottky Barrier Rectifiers
MBRF735 TSC-MBRF735 Datasheet
86Kb / 2P
Isolation 7.5 AMPS. Schottky Barrier Rectifiers
MBRF735 TSC-MBRF735_1 Datasheet
192Kb / 2P
Isolated 7.5 AMPS. Schottky Barrier Rectifiers
MBR735 TSC-MBR735_10 Datasheet
656Kb / 2P
7.5 AMPS. Schottky Barrier Rectifiers
MBRF735 TSC-MBRF735_10 Datasheet
666Kb / 2P
Isolated 7.5 AMPS. Schottky Barrier Rectifiers
MBR735 TSC-MBR735_11 Datasheet
248Kb / 2P
7.5 AMPS. Schottky Barrier Rectifiers
MBR735 TSC-MBR735_13 Datasheet
263Kb / 3P
7.5 AMPS. Schottky Barrier Rectifiers Low power loss, high efficiency
MBRF735 TSC-MBRF735_13 Datasheet
256Kb / 3P
7.5 AMPS. Isolated Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com