Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16IS750IPW Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC16IS750IPW
Description  Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16IS750IPW Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC16IS750IPW Datasheet HTML 17Page - NXP Semiconductors SC16IS750IPW Datasheet HTML 18Page - NXP Semiconductors SC16IS750IPW Datasheet HTML 19Page - NXP Semiconductors SC16IS750IPW Datasheet HTML 20Page - NXP Semiconductors SC16IS750IPW Datasheet HTML 21Page - NXP Semiconductors SC16IS750IPW Datasheet HTML 22Page - NXP Semiconductors SC16IS750IPW Datasheet HTML 23Page - NXP Semiconductors SC16IS750IPW Datasheet HTML 24Page - NXP Semiconductors SC16IS750IPW Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 10.
SC16IS740/750/760 internal registers
Register
address
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R/W
General register set[1]
0x00
RHR
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R
0x00
THR
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
W
0x01
IER
CTS
interrupt
enable[2]
RTS interrupt
enable[2]
Xoff[2]
Sleep mode[2]
modem status
interrupt
receive line
status interrupt
THR empty
interrupt
RX data
available
interrupt
R/W
0x02
FCR
RX trigger
level (MSB)
RX trigger
level (LSB)
TX trigger
level (MSB)[2]
TX trigger
level (LSB)[2]
reserved[3]
TX FIFO
reset[5]
RX FIFO
reset[5]
FIFO enable
W
0x02
IIR[6]
FIFO enable
FIFO enable
interrupt
priority bit 4[2]
interrupt
priority bit 3[2]
interrupt
priority bit 2
interrupt
priority bit 1
interrupt
priority bit 0
interrupt status R
0x03
LCR
Divisor Latch
Enable
set break
set parity
even parity
parity enable
stop bit
word length
bit 1
word length
bit 0
R/W
0x04
MCR
clock
divisor[2]
IrDA mode
enable[2]
Xon Any[2]
loopback
enable
reserved[3]
TCR and TLR
enable[2]
RTS
DTR/(IO5)[4]
R/W
0x05
LSR
FIFO data
error
THR and
TSR empty
THR empty
break interrupt framing error
parity error
overrun error
data in receiver R
0x06
MSR
CD/(IO6)[4]
RI/(IO7)[4]
DSR/ (IO4)[4]
CTS
∆CD/ (IO6)[4]
∆RI/(IO7)[4]
∆DSR/ (IO4)[4] ∆CTS
R
0x07
SPR
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x06
TCR[7]
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x07
TLR[7]
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x08
TXLVL
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R
0x09
RXLVL
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R
0x0A
IODir[4]
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x0B
IOState[4]
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x0C
IOIntEna[4]
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x0D
reserved[3]
reserved[3]
reserved[3]
reserved[3]
reserved[3]
reserved[3]
reserved[3]
reserved[3]
reserved[3]
0x0E
IOControl[4]
reserved[3]
reserved[3]
reserved[3]
reserved[3]
UART
software reset
reserved[3]
I/O[7:4] or RI,
CD, DTR, DSR
latch
R/W
0x0F
EFCR
IrDA mode
(slow/ fast)[8]
reserved[3]
auto RS-485
RTS output
inversion
auto RS-485
RTS direction
control
reserved[3]
transmitter
disable
receiver
disable
9-bit mode
enable
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com