Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC52 Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # SC52
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SC52 Datasheet(HTML) 1 Page - Zowie Technology Corporation

  SC52 Datasheet HTML 1Page - Zowie Technology Corporation SC52 Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SC52 THRU SC510
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts
Forward Current - 5.0 Amperes
FEATURES
Case : JEDEC DO-214AB molded plastic body
Terminals : Tin plated, solderable per MIL-STD-750D
Method 2026
Polarity : Color band denotes cathode end
Weight : 0.007 ounes , 0.21 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum average forward rectified current
(SEE FIG.1)
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 5.0 A (NOTE 1)
Maximum DC reverse current
at rated DC blocking voltage (NOTE 1)
TA=25
o
C
Typical thermal resistance (NOTE 2)
Storage temperature range
SYMBOLS
VRRM
I(AV)
IFSM
VF
IR
TSTG
5.0
150
0.55
0.85
0.70
0.5
20
10
40
10
-55 to +150
UNITS
Volts
Maximum RMS voltage
VRMS
Volts
Maximum DC blocking voltage
VDC
SC52
20
14
20
SC54
40
28
40
SC56
60
42
60
SC510
100
70
100
Volts
Volts
Amps
Amps
mA
o
C / W
o
C
Operating junction temperature range
TJ
-55 to +125
-55 to +150
o
C
NOTES : (1) Pulse test : 300us pulse width, 1% duty cycle
(2) P.C.B. mounted with 0.55 x 0.55" ( 14 x 14mm ) copper pad areas
SMC / DO-214AB
*Dimensions in inches and (millimeters)
R JA
R JL
TA=100
o
C
0.125(3.17)
0.115(2.92)
0.103(2.62)
0.079(2.06)
0.060(1.52)
0.030(0.76)
0.012(0.305)
0.006(0.152)
0.280(7.11)
0.260(6.60)
0.245(6.22)
0.220(5.59)
0.320(8.13)
0.305(7.75)
MECHANICAL DATA
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
* For surface mount applications
* Low profile package
* Built-in strain relief
* Metal sillicon junction, majority carrier conduction
* Low power loss, high efficiency
* High current capability, low forward voltage drop
* High surge capability
* For use in low voltage high frequency inverters, free
wheeling, and polarity protection applications
* Guardring for overvoltage protection
* High temperature soldering guaranteed :
260
o
C/10 seconds, at terminals
Zowie Technology Corporation
REV. 0


Similar Part No. - SC52

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC52 ETC-SC52 Datasheet
149Kb / 5P
13.2MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Bel Fuse Inc.
SC52 BEL-SC52 Datasheet
780Kb / 1P
SMD POWER INDUCTORS
SC52-100 BEL-SC52-100 Datasheet
780Kb / 1P
SMD POWER INDUCTORS
SC52-101 BEL-SC52-101 Datasheet
780Kb / 1P
SMD POWER INDUCTORS
logo
List of Unclassifed Man...
SC52-11 ETC-SC52-11 Datasheet
149Kb / 5P
13.2MM SINGLE DIGIT NUMERIC DISPLAYS
More results

Similar Description - SC52

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com