Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1535CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBR1535CT
Description  15.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR1535CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBR1535CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR1535CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 148 -
MBR1535CT THRU MBR15100CT
15.0 AMPS. Schottky Barrier Rectifiers
Voltage Range
35 to 100 Volts
Current
15.0 Amperes
Features
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Guardring for transient protection
High temperature soldering guaranteed:
260
oC/10 seconds,0.25”(6.35mm)from case
Mechanical Data
Cases: JEDEC TO-220 molded plastic body
Terminals: Leads solderable per MIL-STD-750, Method
2026
Polarity: As marked
Mounting position: Any
Mounting torque: 5 in. - lbs. max
Weight: 0.08 ounce, 2.24 grams
TO-220
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
MBR
1535CT
MBR
1545CT
MBR
1550CT
MBR
1560CT
MBR
1590CT
MBR
15100CT
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
35
45
50
60
90
100
V
Maximum RMS Voltage
VRMS
24
31
35
42
63
70
V
Maximum DC Blocking Voltage
VDC
35
45
50
60
90
100
V
Maximum Average Forward Rectified Current
at TC=105
oC
I(AV)
15
A
Peak Repetitive Forward Current (Rated VR, Square Wave,
20KHz) at Tc=105
oC
IFRM
15.0
A
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method )
IFSM
150
A
Peak Repetitive Reverse Surge Current (Note 1)
IRRM
1.0
0.5
A
Maximum Instantaneous Forward Voltage at (Note 2)
IF=7.5A, Tc=25
OC
IF=7.5A, Tc=125
OC
IF=15A, Tc=25
OC
IF=15A, Tc=125
OC
VF
0.57
0.84
0.72
–
0.75
0.65
–
–
0.92
0.82
–
–
V
Maximum Instantaneous Reverse Current @ Tc=25
℃
at Rated DC Blocking Voltage (Note 2)
@ Tc=125
℃
IR
0.1
15.0
1.0
50.0
0.1
–
mA
mA
Voltage Rate of Change (Rated VR)
dV/dt
1,000
V/uS
Typical Junction Capacitance
Cj
400
200
pF
Maximum Thermal Resistance Per Leg (Note 3)
R
θJA
R
θJC
10
1.5
℃/W
Operating Junction Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +175
℃
Notes: 1. 2.0us Pulse Width, f=1.0 KHz
2. Pulse Test: 300us Pulse Width, 1% Duty Cycle
3. Mounted on Heatsink Size of 2 in x 3 in x 0.25 in Al-Plate.


Similar Part No. - MBR1535CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR1535CT MOTOROLA-MBR1535CT Datasheet
84Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Fairchild Semiconductor
MBR1535CT FAIRCHILD-MBR1535CT Datasheet
44Kb / 3P
15 Ampere Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR1535CT DIODES-MBR1535CT Datasheet
88Kb / 2P
15A SCHOTTKY BARRIER RECTIFIER
DS23013 Rev. F-2
logo
General Semiconductor
MBR1535CT GE-MBR1535CT Datasheet
82Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR1535CT MCC-MBR1535CT Datasheet
105Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR1535CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR1560CT TSC-MBR1560CT Datasheet
174Kb / 2P
15.0 AMPS. Schottky Barrier Rectifiers
MBRS1535CT TSC-MBRS1535CT Datasheet
74Kb / 2P
15.0 AMPS. Schottky Barrier Rectifiers
MBR1535CT TSC-MBR1535CT Datasheet
245Kb / 2P
15.0 AMPS. Schottky Barrier Rectifiers
MBRF1535CT TSC-MBRF1535CT Datasheet
117Kb / 2P
Isolation 15.0 AMPS. Schottky Barrier Rectifiers
MBRF1535CT TSC-MBRF1535CT_1 Datasheet
333Kb / 2P
Isolated 15.0 AMPS. Schottky Barrier Rectifiers
MBR1535CT TSC-MBR1535CT_10 Datasheet
483Kb / 2P
15.0 AMPS. Schottky Barrier Rectifiers
MBR1535CT TSC-MBR1535CT_11 Datasheet
202Kb / 2P
15.0 AMPS. Schottky Barrier Rectifiers
SK15H45 TSC-SK15H45 Datasheet
125Kb / 2P
15.0 AMPS. Schottky Barrier Rectifiers
MBRF1535CT TSC-MBRF1535CT_13 Datasheet
254Kb / 3P
15.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR1590CT KERSEMI-MBR1590CT Datasheet
967Kb / 2P
15.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com