Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS191-73LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # AS191-73LF
Description  PHEMT GaAs IC High-Linearity 3 V Control SPDT Switch 0.1-4 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AS191-73LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  AS191-73LF Datasheet HTML 1Page - Skyworks Solutions Inc. AS191-73LF Datasheet HTML 2Page - Skyworks Solutions Inc. AS191-73LF Datasheet HTML 3Page - Skyworks Solutions Inc. AS191-73LF Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DATA SHEET • AS191-73, AS191-73LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200185 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • August 2, 2006
3
V1
V2
J1–J2
J1–J3
0VHIGH
Isolation
Insertion loss
VHIGH
0
Insertion loss
Isolation
Truth Table
All other conditions not recommended.
VHIGH = 2.5 to 5 V.
Characteristic
Value
RF input power
6 W max. > 900 MHz,
0/5 V control
Control voltage
-0.2 V, +8 V
Operating temperature
-40 °C to +85 °C
Storage temperature
-65 °C to +150 °C
Absolute Maximum Ratings
SOT-6
0.074
(1.90 mm) Ref.
0.071 (1.80 mm)
0.052 (1.30 mm)
0.037 (0.95 mm) Ref.
0.122 (3.10 mm)
0.106 (2.70 mm)
0.006
(0.15 mm)
0.000
(0.00 mm)
0.057 (1.45 mm)
0.035 (0.90 mm)
0.020 (0.51 mm)
0.014 (0.350 mm)
0.126 (3.20 mm)
0.087 (2.20 mm)
Pin 6
Pin 1
Pin 1
Indicator
0.022 (0.61 mm)
0.004 (0.10 mm)
0.014
(0.26 mm)
0.004
(0.10 mm)
0.012
(0.30 mm)
Typ.
5.0° ± 1°
5.0° ± 1°
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, ESD (Electrostatic Discharge) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.
Recommended Solder Reflow Profiles
Refer to the “Recommended Solder Reflow Profile”
Application Note.
Tape and Reel Information
Refer to the “Discrete Devices and IC Switch/Attenuators
Tape and Reel Package Orientation” Application Note.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com