Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR6050PT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBR6050PT
Description  60.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR6050PT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBR6050PT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR6050PT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 206 -
MBR6035PT THRU MBR60100PT
60.0 AMPS. Schottky Barrier Rectifiers
Voltage Range
35 to 100 Volts
Current
60.0 Amperes
Features
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
Metal silicon rectifier, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters, free wheeling,
and polarity protection applications
Guardring for overvoltage protection
High temperature soldering guaranteed:
260
oC/10 seconds,0.17”(4.3mm)from case
Mechanical Data
Cases: JEDEC TO-3P/TO-247AD molded plastic body
Terminals: Leads solderable per MIL-STD-750, Method 2026
Polarity: As marked
Mounting position: Any
Mounting torque: 10 in. - lbs. max
Weight: 0.2 ounce, 5.6 grams
TO-3P/TO-247AD
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
MBR
6035PT
MBR
6045PT
MBR
6050PT
MBR
6060PT
MBR
60100PT
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
35
45
50
60
100
V
Maximum RMS Voltage
VRMS
24
31
35
42
70
V
Maximum DC Blocking Voltage
VDC
35
45
50
60
100
V
Maximum Average Forward Rectified Current
at Tc=125
OC
I(AV)
60
A
Peak Repetitive Forward Current (Rated VR, Square
Wave, 20KHz) at Tc=120
oC
IFRM
60.0
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method )
IFSM
500
A
Peak Repetitive Reverse Surge Current (Note 1)
IRRM
1.0
A
Maximum Instantaneous Forward Voltage at (Note 2)
IF=30A, Tc=25
OC
IF=30A, Tc=125
OC
IF=60A, Tc=25
OC
VF
0.62
0.55
0.75
0.72
0.62
0.85
V
Maximum Instantaneous Reverse Current @Tc=25
℃
at Rated DC Blocking Voltage Per Leg
@ Tc=125
℃
(Note 1)
IR
1.0
50
1.0
100
mA
mA
Voltage Rate of Change at (Rated VR)
dV/dt
1,000
V/uS
Typical Thermal Resistance Per Leg (Note 3)
R
θJC
1.2
℃/W
Operating Junction Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +175
℃
Notes: 1. 2.0us Pulse Width, f=1.0 KHz
2. Pulse Test: 300us Pulse Width, 1% Duty Cycle
3. Thermal Resistance from Junction to Case Per Leg


Similar Part No. - MBR6050PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR6050PT TSC-MBR6050PT Datasheet
99Kb / 2P
60.0 AMPS. Schottky Barrier Rectifiers
MBR6050PT TSC-MBR6050PT Datasheet
369Kb / 2P
60 AMPS. Schottky Barrier Rectifiers
logo
Pan Jit International I...
MBR6050PT PANJIT-MBR6050PT Datasheet
427Kb / 2P
60 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR6050PT PANJIT-MBR6050PT Datasheet
49Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBR6050PT TSC-MBR6050PT Datasheet
479Kb / 2P
60 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR6050PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR6050PT TSC-MBR6050PT Datasheet
99Kb / 2P
60.0 AMPS. Schottky Barrier Rectifiers
MBR1030CT TSC-MBR1030CT Datasheet
99Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR1030CT TSC-MBR1030CT_1 Datasheet
169Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635 Datasheet
61Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
MBR3035PT TSC-MBR3035PT_1 Datasheet
321Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR4035PT TSC-MBR4035PT Datasheet
113Kb / 2P
40.0 AMPS. Schottky Barrier Rectifiers
SR302 TSC-SR302 Datasheet
66Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
SR302 TSC-SR302_1 Datasheet
164Kb / 2P
3.0 AMPS. Schottky Barrier Rectifiers
SRA820 TSC-SRA820_1 Datasheet
255Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
MBR1035CT TSC-MBR1035CT_10 Datasheet
613Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com