Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF10H100CT Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF10H100CT
Description  Isolated 10.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF10H100CT Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBRF10H100CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF10H100CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
0.1
10
100
180
150
120
90
60
30
0
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
1.1
0.9
0.7
1.3
1.0
0.8
0.6
1.2
0.1
1
10
40
FORWARD VOLTAGE. (V)
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS PER LEG
1
0.01
0.1
10
100
0.1
10
1
100
T, PULSE DURATION. (sec)
FIG.5- TYPICAL JUNCTION CAPACITANCE
0.1
1
10
100
100
1,000
5,000
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
FIG.1- FORWARD CURRENT DERATING CURVE
0
50
100
150
12
10
8
6
4
2
0
CASE TEMPERATURE. ( C)
o
RESISTIVE OR
INDUCTIVE LOAD
RATINGS AND CHARACTERISTIC CURVES (MBRF10H100CT - MBRF10H200CT)
500
Tj=Tj max.
8.3ms Single Half Sine-Wave
JEDEC Method
Tj=75 C
0
Tj=125 C
0
Tj=25 C
0
Version: A07
20
4
2
0.4
0.2
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
0
0.0001
0.001
0.01
0.1
1
5
25
75
125
175
Tj=25 C
0
Tj=125 C
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com