Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSOIC Datasheet(PDF) 1 Page - Amkor Technology

Part # CSOIC
Description  Ceramic Small Outline Integrated Circuit Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

CSOIC Datasheet(HTML) 1 Page - Amkor Technology

  CSOIC Datasheet HTML 1Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
data sheet
CSOIC
Features:
CERAMIC
/ HERMETIC
www.amkor.com
VISIT AMKOR TECHNOLOGY ONLINE FOR LOCATIONS AND
TO VIEW THE MOST CURRENT PRODUCT INFORMATION
Ceramic Small Outline
Integrated Circuit Package
(CSOIC)
This is a ceramic version of the Plastic SOIC
package. The CSOIC is a hermetic package
consisting of a multilayer ceramic surrounding a
"gullwing" formed leadframe. This package has
leads extending from two sides of the package
(dual). The package is hermetically solder sealed
at 325° Centigrade. These IC packages have
proven surface mount (SMT) performance
characteristics and have been designed to adapt
easily to ALL SMT processes and lines. Ceramic
SOIC packages provide component and packaging
engineers the ability and freedom to optimize
systems and product designs.
Applications:
End products range from consumer (audio, video,
and entertainment), telecom (pagers, cordless
telephone), RF/wireless (PC cards, RF/CATV,
telemetry), office (fax, copier, and printer),
PC/peripheral, automotive and other applications.
Whether you're working with resistor networks,
discrete semiconductors or ICs, CSOIC package
product lines will serve the needs of various
semiconductor technologies with ease.
The CSOIC offers a variety of features:
• 28 lead count (Others available if supplied
and tooled)
• 300 mil body size
• Hermetic solder sealed package
• High thermal conductive ceramic
• Gold lead finish
• "Gullwing" lead form
• JEDEC and EIAJ package outline standard
compliant
• Wide selection of cavity sizes to meet most
die size needs
• Commercial or full Military flows
DS807
Rev Date: 08’02
.


Similar Part No. - CSOIC

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CSO SCHURTER-CSO Datasheet
256Kb / 2P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
CSO SCHURTER-CSO Datasheet
289Kb / 3P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
CSO SCHURTER-CSO Datasheet
329Kb / 3P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
12.08.2022
logo
Crystek Corporation
CSO-016T CRYSTEKCRYSTAL-CSO-016T Datasheet
111Kb / 1P
5X7 mm SMD, 5V, HCMOS/TTL Clock Oscillator
CSO-016T-25-49.152 CRYSTEKCRYSTAL-CSO-016T-25-49.152 Datasheet
111Kb / 1P
5X7 mm SMD, 5V, HCMOS/TTL Clock Oscillator
More results

Similar Description - CSOIC

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
CSSOP AMKOR-CSSOP Datasheet
304Kb / 1P
Ceramic Shrink Small Outline Package
logo
Advanced Power Electron...
AP1333GU-HF A-POWER-AP1333GU-HF_14 Datasheet
98Kb / 4P
Small Package Outline
AP2301EN-HF A-POWER-AP2301EN-HF_14 Datasheet
102Kb / 4P
Small Package Outline
AP2301N-HF A-POWER-AP2301N-HF_14 Datasheet
65Kb / 4P
Small Package Outline
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_14 Datasheet
101Kb / 4P
Small Outline Package
AP2318AGEN-HF A-POWER-AP2318AGEN-HF_14 Datasheet
64Kb / 4P
Small Outline Package
AP2323AGN-HF A-POWER-AP2323AGN-HF_14 Datasheet
104Kb / 4P
Small Package Outline
AP2323GN-HF A-POWER-AP2323GN-HF_14 Datasheet
101Kb / 4P
Small Package Outline
AP2307GN-HF A-POWER-AP2307GN-HF_16 Datasheet
65Kb / 5P
Small Package Outline
AP2323AGN-HF A-POWER-AP2323AGN-HF_16 Datasheet
102Kb / 5P
Small Package Outline
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com