Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCC Datasheet(PDF) 1 Page - Amkor Technology

Part # LCC
Description  Leadless Chip Carrier Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

LCC Datasheet(HTML) 1 Page - Amkor Technology

  LCC Datasheet HTML 1Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
data sheet
LCC
Features:
CERAMIC
/ HERMETIC
www.amkor.com
VISIT AMKOR TECHNOLOGY ONLINE FOR LOCATIONS AND
TO VIEW THE MOST CURRENT PRODUCT INFORMATION
Leadless Chip Carrier
Package (LCC)
Amkor Technology is committed to continuing to
service this long established standard industry
package. This surface mount package consists of a
co-fired ceramic base that has metalized
terminals / pads on the sides and bottom of the
package. An LCC package has terminals / pads on
all four edges of the package. The lid for this
package can be either ceramic "frit sealed" or
metal "solder sealed". This package provides a
hermetic environment for the IC inside.
Applications:
This IC package technology allows application and
design engineers to maximize the performance
characteristics of semiconductors (silicon, GaAs and
S.A.W.). These packages enable end products
(pagers, portable audio/video, disc drives, radio,
IF & RF devices/components, telecom) to be
reduced in size and weight. Semiconductor
families such as operational amplifiers, drivers,
optoelectronics, controllers, logic, analog, memory,
comparators and more using BiCMOS, CMOS or
other silicon/GaAs/S.A.W. technologies are well
addressed by the LCC product family.
The LCC offers a variety of features. From
standard industry, Amkor provides a platform from
prototype-to-production:
• Flexible lead / pin counts
• Variety of body sizes
• Hermetic package
• Exceptional thermal and electrical
performance by design
• Multi-layer, ground / power
• Cavity Up / Cavity down configurations
• Cavity package
DS810
Rev Date: 08’02
.


Similar Part No. - LCC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCC VISHAY-LCC Datasheet
153Kb / 4P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
31-Jul-08
logo
HolyStone International
LCC HOLYSTONECAPS-LCC Datasheet
205Kb / 2P
Large Size NP0 & X7R MLCC Capacitors
logo
Vishay Siliconix
LCC VISHAY-LCC Datasheet
122Kb / 4P
Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor
14-Jul-16
logo
List of Unclassifed Man...
LCC-16J2 ETC2-LCC-16J2 Datasheet
88Kb / 1P
LCD Character Module 16 x 2
LCC-20K4 ETC2-LCC-20K4 Datasheet
105Kb / 1P
LCD Character Module 20 x 4
More results

Similar Description - LCC

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL3821 CDI-DIODE-CDLL3821 Datasheet
22Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL4099 CDI-DIODE-CDLL4099 Datasheet
96Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL746 CDI-DIODE-CDLL746 Datasheet
25Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
logo
National Semiconductor ...
MKT-E32B NSC-MKT-E32B Datasheet
31Kb / 1P
LEADLESS CHIP CARRIER, TYPE C, 32 TERMINAL
logo
Microsemi Corporation
1N4614UR-1 MICROSEMI-1N4614UR-1 Datasheet
122Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Vishay Siliconix
PL340 VISHAY-PL340 Datasheet
140Kb / 2P
Plastic Leadless Chip Carrier
14-Nov-02
logo
Microsemi Corporation
1N746AUR-1 MICROSEMI-1N746AUR-1 Datasheet
44Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
BZV55C7V5 MICROSEMI-BZV55C7V5 Datasheet
24Kb / 1P
LEADLESS PACKAGE FOR SURFACE MOUNT
logo
TT Electronics.
BCN31 TTELEC-BCN31 Datasheet
274Kb / 3P
Leadless Chip Packages
logo
Analog Devices
HMC557A AD-HMC557A Datasheet
348Kb / 23P
24-terminal ceramic leadless chip carrier package
REV. C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com