Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F64G-2GD-MP2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # F64G-2GD-MP2
Description  Olympian Plus General Purpose Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F64G-2GD-MP2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  F64G-2GD-MP2 Datasheet HTML 1Page - List of Unclassifed Manufacturers F64G-2GD-MP2 Datasheet HTML 2Page - List of Unclassifed Manufacturers F64G-2GD-MP2 Datasheet HTML 3Page - List of Unclassifed Manufacturers F64G-2GD-MP2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
N/AL.8.240.100.02
7/97
Typical Performance Characteristics
F64G
FLOW CHARACTERISTICS
0
20
40
60
80
100
dm3/s
AIR FLOW
0
40
80
120
160
200
240 scfm
0,8
0,6
0,4
0,2
0
1
8
6
4
2
0
PORT SIZE: 1/2
"
40
µm ELEMENT
INLET PRESSURE - bar g (psig)
2,5
(36)
4,0
(58)
6,3
(91)
8,0
(116)
10,0
(150)
Ordering Information. Models listed include ISO G threads, automatic drain, metal bowl, 40 µm element. Models do not include the
service life indicator.
† Typical flow with a 40 µm element at 6,3 bar (90 psig) inlet pressure and a 0,5 bar (7 psig) pressure drop.
For replacement Filter (without yoke) substitute ‘N’ at the 5th and 6th digits eg: F64G-NNN-AD3.
Port Size
Model
Flow
† dm3/s (scfm)
Weight kg (lb)
G1/4
F64G-2GN-AD3
33 (70)
1,42 (3.13)
G3/8
F64G-3GN-AD3
66 (140)
1,42 (3.13)
G1/2
F64G-4GN-AD3
70 (148)
1,32 (2.91)
G3/4
F64G-6GN-AD3
N.A.
1,72 (3.79)
Our policy is one of continuous research and development.
We reserve the right to amend, without notice, the specifications given in this document.
F 6 4
-
G
5 5
-
5
5
5
5
Port Size
Substitute
1/4
"
2
3/8
"
3
1/2
"
4
3/4
"
6
Threads
Substitute
PTF
A
ISO Rc taper
B
ISO G parallel
G
Drain
Substitute
Manual
M
Auto drain
A
Element
Substitute
5 µm
1
25 µm
2
40 µm
3
Service Life Indicator
Substitute
With
D
Without
N
Alternative Models
Bowl
Substitute
Metal with liquid level indicator
D
Transparent with guard
P
Closed bowl*
E
Wall Mounting Bracket
Service Indicator
74504-50
Factory fit option only
See alternative models table
Accessories
* For vacuum use.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com