Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F64G-4GD-MP2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # F64G-4GD-MP2
Description  Olympian Plus General Purpose Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F64G-4GD-MP2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  F64G-4GD-MP2 Datasheet HTML 1Page - List of Unclassifed Manufacturers F64G-4GD-MP2 Datasheet HTML 2Page - List of Unclassifed Manufacturers F64G-4GD-MP2 Datasheet HTML 3Page - List of Unclassifed Manufacturers F64G-4GD-MP2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
† Minimum clearance required to remove bowl.
*
157 mm (6.18
") for G3/4 models
7/97
N/AL.8.240.100.03
F64G
Our policy is one of continuous research and development.
We reserve the right to amend, without notice, the specifications given in this document.
Dimensions mm (inches)
105 (4.13)*
Service Kits
Item
Type
Part Number
Service kit
Seal and gasket
4380-200
5 µm
4338-01
Elements
25 µm
4338-99
40 µm
4338-02
Service Life Indicator
5797-50
Liquid level lens kit
Prismatic
4380-040
Pyrex
4380-041
Replacement drains
Automatic
3000-97
Manual
684-84
Service kit includes port seals, louvre o-ring, bowl o-ring and drain gasket.
143 (5.63)
114 (4.49)
11 (0.43)
14,5 (0.57)
Bracket Mounting
Use 8 mm (5/16
") screws to mount bracket to wall.
Bracket Kit Reference
Item
Part Number
Wall Bracket
74504-50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com