Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF2535CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF2535CT
Description  Isolation 25.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF2535CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF2535CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF2535CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
35
45
50
60
90
100
150
V
VRMS
24
31
35
42
63
70
105
V
VDC
35
45
50
60
90
100
150
V
IF(AV)
A
0.95
0.92
1.02
0.98
5
dV/dt
V/μs
TJ
OC
TSTG
OC
Document Number: DS_D1310013
Version: J13
MBRF2535CT thru MBRF25150CT
Taiwan Semiconductor
Dual Common Cathode Schottky Rectifier
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
ITO-220AB
MECHANICAL DATA
Case:
ITO-220AB
Polarity:
As marked
Mounting torque:
5 in-lbs maximum
Weight:
1.7 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
MBRF
2535
CT
MBRF
2545
CT
MBRF
2550
CT
MBRF
2560
CT
MBRF
2590
CT
A
MBRF
25100
CT
MBRF
25150
CT
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
0.65
0.75
0.82
-
0.92
Maximum average forward rectified current
25
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
200
Maximum reverse current @ rated VR
TJ=25 ℃
TJ=125 ℃
IR
mA
15
10
-0.75
Maximum instantaneous forward voltage (Note 1)
IF=12.5A, TJ=25℃
IF=12.5A, TJ=125℃
IF=25A, TJ=25℃
IF=25A, TJ=125℃
VF
0.85
Note 1: Pulse test with PW=300μs, 1% duty cycle
Peak repetitive forward current
(Rated VR, Square wave, 20KHz)
IFRM
25
A
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
Typical thermal resistance
RθjC
RθjA
1
8
Voltage rate of change (Rated VR)
10000
-0.88
0.73
OC/W
20.1
7.5
V
-


Similar Part No. - MBRF2535CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRF2535CT GE-MBRF2535CT Datasheet
117Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
MBRF2535CT GOOD-ARK-MBRF2535CT Datasheet
259Kb / 3P
Dual Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF2535CT TSC-MBRF2535CT Datasheet
357Kb / 2P
Isolated 25.0 AMPS. Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRF2535CT VISHAY-MBRF2535CT Datasheet
512Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
logo
Taiwan Semiconductor Co...
MBRF2535CT TSC-MBRF2535CT Datasheet
182Kb / 2P
25.0 AMPS. Isolated Schottky Barrier Rectifiers
More results

Similar Description - MBRF2535CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS2535CT TSC-MBRS2535CT Datasheet
81Kb / 2P
25.0 AMPS. Schottky Barrier Rectifiers
MBR2535CT TSC-MBR2535CT Datasheet
101Kb / 2P
25.0 AMPS. Schottky Barrier Rectifiers
MBR2535CT TSC-MBR2535CT_1 Datasheet
361Kb / 2P
25.0 AMPS. Schottky Barrier Rectifiers
MBRF2535CT TSC-MBRF2535CT_1 Datasheet
357Kb / 2P
Isolated 25.0 AMPS. Schottky Barrier Rectifiers
MBR2535CT TSC-MBR2535CT_10 Datasheet
484Kb / 2P
25.0 AMPS. Schottky Barrier Rectifiers
MBRF2535CT TSC-MBRF2535CT_11 Datasheet
182Kb / 2P
25.0 AMPS. Isolated Schottky Barrier Rectifiers
MBRF2535CT TSC-MBRF2535CT_13 Datasheet
250Kb / 3P
25.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBRS2545CT KERSEMI-MBRS2545CT Datasheet
807Kb / 2P
25.0 AMPS. Schottky Barrier Rectifiers
MBR2590CT KERSEMI-MBR2590CT Datasheet
818Kb / 2P
25.0 AMPS. Schottky Barrier Rectifiers
logo
EM Microelectronic - MA...
MBRS2545CT EMMICRO-MBRS2545CT Datasheet
807Kb / 2P
25.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com