Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSOP2 Datasheet(PDF) 2 Page - Amkor Technology

Part # POWERSOP2
Description  Exceptional performance through the innovative design of PSOPs offer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

POWERSOP2 Datasheet(HTML) 2 Page - Amkor Technology

  POWERSOP2 Datasheet HTML 1Page - Amkor Technology POWERSOP2 Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PowerSOP® 2&3
LEADFRAME
Process Highlights
GaAs Thin Die Option
Leadframes
Tapeless design available
Die thickness (max)
.150" PSOP 2 - 15 mil
.300" PSOP 2 - 18 mil
11 mm PSOP 3 - 26 mil
Solder plating
85/15 Sn/Pb
Marking
Laser/pad
Lead inspection
Optical
Pack/ship options
Bar code, dry pack
Coplanarity (max)
3 mils
Test Services
Contact Amkor Test Services for more details.
• Program generation/conversion
• Product engineering support
• Wafer sort
• Burn-in
• Tape and reel services
• Ambient to +165 °C test available
• 256 pin x 20 MHz test system available
Shipping
Clear anti-static tube
20 inch
data sheet
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or
damage of whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard
terms and conditions of sale. Amkor reserves the right to make changes in its product and specifications at any time and without notice.
www.amkor.com
PowerSOP® 2 and 3/PSSOP Nominal Package Dimensions
Package
Body Size
Lead
Lead
Body
Lead
Tip to
Body
Stand-off Mounted
JEDEC
Units
Pitch
Count Length
Length
Tip
Thck
Height
per tube
PSOP 2 (units in inches unless otherwise stated)
PSOP 2
.150” (3.8 mm) 0.050
8
0.194
0.041
0.236
0.060
.002
.062
MS-012*
97
PSOP 2
.150” (3.8 mm) 0.050
16
0.391
0.041
0.236
0.060
.002
.062
MS-012*
48
PSOP 2
.300” (7.6 mm) 0.050
16
0.407
0.055
0.406
0.092
.002
.094
MS-013*
46
PSOP 2
.300” (7.6 mm) 0.050
20
0.505
0.055
0.406
0.092
.002
.094
MS-013*
37
PSOP 2
.300” (7.6 mm) 0.050
24
0.607
0.055
0.406
0.092
.002
.094
MS-013*
31
PSOP 2
.300” (7.6 mm) 0.050
28
0.706
0.055
0.406
0.092
.002
.094
MS-013*
27
PSOP 3 (units in mm unless otherwise stated)
PSOP 3
11.0 mm (.422”) 1.270
20
15.9
1.60
14.2
3.15
0.20
3.35
MO-166
30
PSOP 3
11.0 mm (.422”) 1.000
24
15.9
1.60
14.2
3.15
0.20
3.35
MO-166
30
PSOP 3
11.0 mm (.422”) 0.800
30
15.9
1.60
14.2
3.15
0.20
3.35
MO-166
30
PSOP 3
11.0 mm (.422”) 0.650
36
15.9
1.60
14.2
3.15
0.20
3.35
MO-166
30
PSSOP (units in inches unless otherwise stated)
PSSOP
.150” (3.8 mm) 0.025
16
0.194
0.042
0.237
0.058
0.002
.060
N/A
97
PSSOP
.150” (3.8 mm) 0.025
28
0.391
0.042
0.237
0.058
0.002
.060
N/A
48
Cross-sections PSOP 2&3
PSOP 2
PSOP 3
*JEDEC does not include heat slug
PSOP2 Mounted Height:
0.150” body - 0.062”
0.300” body = 0.094”
PSSOP Mounted Height:
0.150” body = 0.060”
PSOP3 Mounted Height:
3.35 mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com