Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF3045CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF3045CT
Description  Isolated 30.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF3045CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF3045CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF3045CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 160 -
Version: B07
MBRF3035CT - MBRF30150CT
Isolated 30.0 AMPS. Schottky Barrier Rectifiers
ITO-220AB
Features
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Guardring for overvoltage protection
High temperature soldering guaranteed:
260
oC/10 seconds,0.25”(6.35mm)from case
Mechanical Data
Cases: ITO-220AB molded plastic body
Terminals: Pure tin plated, lead free. solderable per
MIL-STD-750, Method 2026
Polarity: As marked
Mounting position: Any
Mounting torque: 5 in-lbs. Max.
Weight: 0.08 ounce, 2.24 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol MBRF
3035
CT
MBRF
3045
CT
MBRF
3050
CT
MBRF
3060
CT
MBRF
3090
CT
MBRF
30100
CT
MBRF
30150
CT
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
35
45
50
60
90
100
150
V
Maximum Working Peak Reverse Voltage
VRMS
24
31
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
35
45
50
60
90
100
150
V
Maximum Average Forward Rectified Current at
TC=130
oC
Total device
Per Leg
I(AV)
30
15
A
Peak Repetitive Forward Current Per leg (Rated VR,
Square Wave, 20KHz) at Tc=130
oC
IFRM
30
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method )
IFSM
200
A
Peak Repetitive Reverse Surge Current (Note 1)
IRRM
1.0
0.5
A
Maximum Instantaneous Forward Voltage at (Note 2)
IF=15A, Tc=25
oC
IF=15A, Tc=125
oC
IF=30A, Tc=25
oC
IF=30A, Tc=125
oC
VF
0.70
0.60
0.82
0.73
0.75
0.65
-
-
0.84
0.70
0.94
0.82
0.95
0.80
1.05
0.92
V
Maximum Instantaneous Reverse Current
@ Tc=25
oC at Rated DC Blocking Voltage Per Leg
@ Tc=125
oC (Note 2)
IR
0.2
20
0.2
15
0.2
10
mA
mA
Voltage Rate of Change, (Rated VR)
dV/dt
1,000
V/uS
Typical Junction Capacitance
Cj
580
480
360
pF
Maximum Thermal Resistance Per Leg (Note 3)
RθJC
1.0
1.5
oC/W
Operating Junction Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
T
STG
-65 to +175
oC
Notes:
1. 2.0us Pulse Width, f=1.0 KHz
2. Pulse Test: 300us Pulse Width, 1% Duty Cycle
3. Thermal Resistance from Junction to Case Per Leg, with Heatsink size (4”x6”x0.25”) Al-Plate.


Similar Part No. - MBRF3045CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRF3045CT VISHAY-MBRF3045CT Datasheet
46Kb / 3P
Dual Schottky Rectifiers
02-Oct-02
MBRF3045CT VISHAY-MBRF3045CT Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
logo
Silicon Standard Corp.
MBRF3045CT SSC-MBRF3045CT Datasheet
285Kb / 5P
Dual Schottky Barrier Rectifiers
logo
KEC(Korea Electronics)
MBRF3045CT KEC-MBRF3045CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
logo
Taiwan Semiconductor Co...
MBRF3045CT TSC-MBRF3045CT Datasheet
180Kb / 2P
30.0 AMPS. Isolated Schottky Barrier Rectifiers
More results

Similar Description - MBRF3045CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR3020PT TSC-SR3020PT Datasheet
98Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT Datasheet
101Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT_1 Datasheet
357Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR3035PT TSC-MBR3035PT Datasheet
111Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR3035PT TSC-MBR3035PT_1 Datasheet
321Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT_10 Datasheet
490Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBRF30L120CT TSC-MBRF30L120CT Datasheet
574Kb / 2P
Isolated 30.0 AMPS. Low VF Schottky Barrier Rectifiers
MBRF3035CT TSC-MBRF3035CT_11 Datasheet
180Kb / 2P
30.0 AMPS. Isolated Schottky Barrier Rectifiers
MBRF3035CT TSC-MBRF3035CT_13 Datasheet
259Kb / 3P
30.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR3090CT KERSEMI-MBR3090CT Datasheet
818Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com