Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3M Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # RS3M
Description  3.0 AMPS. Fast Recovery Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RS3M Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  RS3M Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RS3M Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 390 -
.129(3.27)
.118(3.0)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.060(1.52)
.030(0.76)
.245(6.22)
.220(5.59)
.280(7.11)
.260(6.60)
.103(2.62)
.079(2.00)
.320(8.13)
.305(7.75)
RS3A THRU RS3M
3.0 AMPS. Fast Recovery Surface Mount Rectifiers
Voltage Range
50 to 1000 Volts
Current
3.0 Amperes
Features
For surface mounted application
Glass passivated junction chip
Built-in strain relief, ideal for automated
placement
Plastic material used carries Underwriters
Laboratory Classification 94V-O
Fast switching for high efficiency
High temperature soldering:
260
OC /10 seconds at terminals
Mechanical Data
Cases: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Packing: 16mm tape per E1A STD
RS-481
Weight: 0.21 gram
SMC/DO-214AB
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
RS
3A
RS
3B
RS
3D
RS
3G
RS
3J
RS
3K
RS
3M
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified Current
See Fig. 1 @TL=75
OC
I(AV)
3.0
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
100
A
Maximum Instantaneous Forward Voltage
@ 3.0A
VF
1.3
V
Maximum DC Reverse Current @ TA =25
℃
at Rated DC Blocking Voltage @ TA=125
℃
IR
10
250
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
150
250
500
nS
Typical Junction Capacitance ( Note 2 )
Cj
60
pF
Typical Thermal Resistance (Note 3)
R
θJA
R
θJL
50.0
15.0
℃/W
℃/W
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied VR=4.0 Volts
3. Thermal Resistance from Junction to Ambient and from Junction to Lead Mounted on P.C.B. with
0.6”x0.6” ( 16 x 16 mm ) Copper Pad Areas.


Similar Part No. - RS3M

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS3M SSE-RS3M Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS3M DIODES-RS3M Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
logo
Fuji Electric
RS3M FUJI-RS3M Datasheet
718Kb / 1P
3 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS3M DIODES-RS3M Datasheet
400Kb / 3P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15005 Rev. 8 - 2
logo
Taiwan Semiconductor Co...
RS3M TSC-RS3M Datasheet
283Kb / 2P
3.0 AMPS. Surface Mount Fast Recovery Rectifiers
More results

Similar Description - RS3M

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RS3A TSC-RS3A_1 Datasheet
283Kb / 2P
3.0 AMPS. Surface Mount Fast Recovery Rectifiers
FR301 TSC-FR301 Datasheet
68Kb / 2P
3.0 AMPS. Fast Recovery Rectifiers
FR301 TSC-FR301_1 Datasheet
244Kb / 2P
3.0 AMPS. Fast Recovery Rectifiers
MR850 TSC-MR850 Datasheet
69Kb / 2P
3.0 AMPS. Fast Recovery Rectifiers
BY396 TSC-BY396 Datasheet
67Kb / 2P
3.0 AMPS. Fast Recovery Rectifiers
BY396 TSC-BY396_06 Datasheet
209Kb / 2P
3.0 AMPS. Fast Recovery Rectifiers
logo
Yangzhou yangjie electr...
RS3A YANGJIE-RS3A Datasheet
760Kb / 2P
3.0 AMPS. FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
RS3A TSC-RS3A_10 Datasheet
455Kb / 2P
3.0 AMPS. Surface Mount Fast Recovery Rectifiers
FR301 TSC-FR301_10 Datasheet
546Kb / 2P
3.0 AMPS. Fast Recovery Rectifiers
logo
First Components Intern...
SFS31G FCI-SFS31G Datasheet
498Kb / 2P
3.0 Amps Surface Mount Glass Super Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com