Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK32D600-QFP5X5 Datasheet(PDF) 3 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK32D600-QFP5X5
Description  28 Pin to 32 Pin DIP Adapters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK32D600-QFP5X5 Datasheet(HTML) 3 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK32D600-QFP5X5 Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK32D600-QFP5X5 Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK32D600-QFP5X5 Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK32D600-QFP5X5 Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION AK32D600-QFP5X5 Datasheet HTML 5Page - ACCUTEK MICROCIRCUIT CORPORATION AK32D600-QFP5X5 Datasheet HTML 6Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAGE 11 ACCUTEKMICRO.COM 03/2005(DA11)
0.600"
1.400"
AK28DW600-PLCC
0.700"
0.525"
0.100"
0.080"
0.125"
28 PIN PLCC TO DIP (MACHINED PINS)
0.600"
1.400"
AK28DS600-PLCC
(with PLCC Socket included)
0.700"
0.250"
0.125"
28 PIN SOJ SOCKET TO DIP
0.600"
1.400"
AK28D600-SOIC/SOJ
0.100"
0.080"
0.125"
28 PIN SOIC OR SOJ TO DIP
0.485" 0.185"
0.050"
0.700"
1.400"
0.125"
0.600"
28 PIN DIP
0.100"
AK28D600-TSOP
28 PIN TSOP
0.535"
0.5mm
28 PIN TYPE 1 TSOP TO DIP
0.600"
1.400"
AK28D600-QSOP
0.700"
0.025"
(.65mm)
0.125"
0.080"
0.100"
28 PIN QSOP & SSOP TO DIP600
AK28D600-QSOP
0.315"
0.465"
0.385"
0.165"



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com