Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK32D300-S0J Datasheet(PDF) 6 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK32D300-S0J
Description  28 Pin to 32 Pin DIP Adapters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK32D300-S0J Datasheet(HTML) 6 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK32D300-S0J Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK32D300-S0J Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK32D300-S0J Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK32D300-S0J Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION AK32D300-S0J Datasheet HTML 5Page - ACCUTEK MICROCIRCUIT CORPORATION AK32D300-S0J Datasheet HTML 6Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PAGE 13 ACCUTEKMICRO.COM 03/2005 (DA13)
AK32D400-SOJ
0.400"
1.600"
0.500"
0.330"
AK32D300-S0J
0.300"
1.600"
0.400"
0.330"
0.110"
0.125"
0.100"
0.100"
0.080"
0.125"
32 PIN SOJ TO .300" DIP
32 PIN SOJ TO .400" DIP
0.600"
1.600"
AK32DW600-PLCC
0.700"
0.500"
0.600"
1.600"
AK32DS600-PLCC
(with PLCC Socket included)
0.700"
0.250"
0.100"
0.100"
0.080"
0.125"
0.125"
32 PIN PLCC TO DIP (MACHINED PINS)
32 PIN SOJ SOCKET TO DIP
0.600"
1.600"
AK68128-512-D32
0.700"
0.100"
0.110"
0.125"
0.600"
0.300"
0.050"
0.600"
0.050"
0.050"
0.050"
32 PIN SOIC TO DIP
FOR 128K x 8 SRAM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com