Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4002GP Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 1N4002GP
Description  1.0 AMP. Glass Passivated Junction Plastic Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4002GP Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1N4002GP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4002GP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (1N4001GP THRU
)
1N4007GP
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
110
100
25
15
20
5
10
30
NUMBER OF CYCLES AT 60Hz
Tj=Tj max
8.3ms Single Half Sine Wave
JEDEC Method
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
10
1
0.1
0.01
0.001
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=125 C
0
Tj=75 C
0
FIG.3- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
.4
.6
.8
1.0
1.2
1.4
1.6
0.01
1.0
10
0.1
FORWARD VOLTAGE. (V)
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
0
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
20
40
60
100
160
180
140
120
80
0
0.4
0.2
0.6
0.8
1.0
AMBIENT TEMPERATURE. ( C)
o
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
0.375"(9.5m/m) LEAD LENGTH
FIG.5- TYPICAL JUNCTION CAPACITANCE
0.1
0.4
4.0
10
1.0
40
100
1
8
6
4
2
10
20
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com