Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324D Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # LM324D
Description  LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM324D Datasheet(HTML) 46 Page - Texas Instruments

Back Button LM324D Datasheet HTML 42Page - Texas Instruments LM324D Datasheet HTML 43Page - Texas Instruments LM324D Datasheet HTML 44Page - Texas Instruments LM324D Datasheet HTML 45Page - Texas Instruments LM324D Datasheet HTML 46Page - Texas Instruments LM324D Datasheet HTML 47Page - Texas Instruments LM324D Datasheet HTML 48Page - Texas Instruments LM324D Datasheet HTML 49Page - Texas Instruments LM324D Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
25-Sep-2024
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-9950403VCA
J
CDIP
14
25
506.98
15.24
13440
NA
77043012A
FK
LCCC
20
55
506.98
12.06
2030
NA
7704301DA
W
CFP
14
25
506.98
26.16
6220
NA
77043022A
FK
LCCC
20
55
506.98
12.06
2030
NA
7704302DA
W
CFP
14
25
506.98
26.16
6220
NA
LM124AFKB
FK
LCCC
20
55
506.98
12.06
2030
NA
LM124AWB
W
CFP
14
25
506.98
26.16
6220
NA
LM124FKB
FK
LCCC
20
55
506.98
12.06
2030
NA
LM124W
W
CFP
14
25
506.98
26.16
6220
NA
LM124WB
W
CFP
14
25
506.98
26.16
6220
NA
LM224AN
N
PDIP
14
25
506
13.97
11230
4.32
LM224KAN
N
PDIP
14
25
506
13.97
11230
4.32
LM224KN
N
PDIP
14
25
506
13.97
11230
4.32
LM224N
N
PDIP
14
25
506
13.97
11230
4.32
LM2902KDB
DB
SSOP
14
80
530
10.5
4000
4.1
LM2902KN
N
PDIP
14
25
506
13.97
11230
4.32
LM2902N
N
PDIP
14
25
506.1
9
600
5.4
LM2902N
N
PDIP
14
25
506
13.97
11230
4.32
LM324AN
N
PDIP
14
25
506
13.97
11230
4.32
LM324AN
N
PDIP
14
25
506
13.97
11230
4.32
LM324KAN
N
PDIP
14
25
506
13.97
11230
4.32
LM324KAN
N
PDIP
14
25
506
13.97
11230
4.32
LM324KN
N
PDIP
14
25
506
13.97
11230
4.32
LM324KN
N
PDIP
14
25
506
13.97
11230
4.32
LM324N
N
PDIP
14
25
506.1
9
600
5.4
LM324N
N
PDIP
14
25
506
13.97
11230
4.32
LM324N
N
PDIP
14
25
506
13.97
11230
4.32
LM324N
N
PDIP
14
25
506
13.97
11230
4.32
Pack Materials-Page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com