Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XN-DCPWR-800W-R Datasheet(PDF) 8 Page - Extreme Networks.

Part # XN-DCPWR-800W-R
Description  Universal Aggregation/Core Switch Platform
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-DCPWR-800W-R Datasheet(HTML) 8 Page - Extreme Networks.

  XN-DCPWR-800W-R Datasheet HTML 1Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 2Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 3Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 4Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 5Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 6Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 7Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 8Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Warranty
All 7720 Series models are covered under Extreme's Universal
LLW policy. For warranty details, visit: http://www.extremenetworks.com/
support/policies
Maintenance Services
Extreme’s maintenance and support services with 100% in-sourced
engineering experts and over 90% first-person resolution ensure efficient
operation of your business-essential network. 24x7x365 phone support,
advanced parts replacement, and on-site support augment your staff with
experienced resources that help you mitigate critical network issues fast.
Visit our ExtremeWorks Maintenance Services page for more information.
Optics/Transceivers
For a list of the optics/transceivers supported on the 7720 Series, refer to
our Extreme Optics Compatibility Tool.
Power Cords
In support of Extreme Networks green initiatives, power cords are not
included with the 7720 but can be ordered separately. They should be
specified at time of ordering.
©2024 Extreme Networks, Inc. All rights reserved. Extreme Networks and the Extreme Networks logo are trademarks or registered trademarks of Extreme
Networks, Inc. in the United States and/or other countries. All other names are the property of their respective owners. For additional information on Extreme
Networks Trademarks, see https://www.extremenetworks.com/about-extreme-networks/company/legal/trademarks. Specifications and product availability are subject
to change without notice. 15apr24
www.extremenetworks.com
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com