Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV16WS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAV16WS
Description  Fast Switching Surface Mount Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV16WS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAV16WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV16WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 825 -
RATINGS AND CHARACTERISTIC CURVES (1N4448WS / BAV16WS)
FIG.4- TYPICAL CAPACITANCE VS REVERSE VOLTAGE
0
REVERSE VOLTAGE. (V)
FIG.1- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.3- TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE VOLTAGE. (V)
FIG.2- POWER DERATING CURVE
25
50
75
100
150
125
0
300
250
200
150
100
50
0
AMBIENT TEMPERATURE. ( C)
o
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
10
20
30
40
1
0.1
0.01
0.001
INSTANTANEOUS FORWARD VOLTAGE (V)
0
0.5
1.0
1.5
10000
1000
100
10
1
0.1
100
80
60
40
20
0
f = 1.0 MHz
TJ = 150 C
0
TJ = 125 C
0
TJ = 75 C
0
TJ = 25 C
0
TJ=0C
0
TJ = -40 C
0
TJ = 150 C
0
TJ = 75 C
0
TJ = 25 C
0
TJ = 0 C
0
TJ = - 40 C
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com