Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XN-2P-RKMT299 Datasheet(PDF) 6 Page - Extreme Networks.

Part # XN-2P-RKMT299
Description  Universal Aggregation/Core Switch Platform
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-2P-RKMT299 Datasheet(HTML) 6 Page - Extreme Networks.

  XN-2P-RKMT299 Datasheet HTML 1Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 2Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 3Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 4Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 5Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 6Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 7Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 8Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Base Software and Optional Premier License
The Base software included with each 7520 unit supports most
available software features. Certain features, however, require a
Premier License to operate:
For Switch Engine, a Premier License is required for:
5 or more OSPF interfaces
PIM DM/PIM SSM
Anycast RP (Rendezvous Point)
MultiSource Discovery Protocol (MSDP)
IS-IS/BGP4/MBGP*
GRE Tunneling
Ethernet VPN (EVPN)
* Up to 2 BGP interfaces included in Base software
For Fabric Engine, a Premier License is required for :
Layer 3 Virtual Services Networks (VSNs)
Distributed Virtual Routing Controller
VXLAN Gateway
5 or more active OSPF interfaces
17 or more BGP peers
Insight Architecture/Integrated Application Hosting (IAH)
Power Supplies for Use with Your
Switch
Each 7520 Series switch runs with two replaceable internal
power supply modules that provide all of the power needed
for the switch to operate. You can remove one power supply
module without interrupting the switch's operation. Supported
power supply configurations include two 800W AC power supply
modules, two 800W DC power supply modules, or one 800W AC
and one 800W DC power supply module. Power supply modules
have integrated cooling fans that operate independently of the
switch fans and are available with front-to-back or back-to-front
airflow. The direction of the airflow in both power supply modules
must be in the same direction and must also be in the same
direction of the airflow in the fan modules.
Ordering Information
Part Number
Product Name
Description
7520-48XT-6C
7520-48XT
Base System
Extreme 7520-48XT Switch - Ships with two empty power supply slots, six empty
fan slots, one 4-post rack mount kit. Supports 48 x 1G/10G copper ports and 6 x
40G/100G fiber ports
7520-48XT-6C-AC-F
7520-48XT with front-to-back airflow
Extreme 7520-48XT Switch - Ships with two AC front-to-back airflow power
supplies, six front- to-back airflow fans, one 4-post rack mount kit. Supports 48
x 1G/10G copper ports and 6 x 40G/100G fiber ports
7520-48XT-6C-AC-R
7520-48XT with back-to-front airflow
Extreme 7520-48XT Switch - Ships with two AC back-to-front airflow power
supplies, six back- to-front airflow fans, one 4-post rack mount kit. Supports 48
x 1G/10G copper ports and 6 x 40G/100G fiber ports
7520-48Y-8C*
7520-48Y
Base System
Extreme 7520-48Y Switch with two empty power supply slots, six empty fan slots,
Ships with one 4-post rack mount kit. Supports 48 x 1G/10G/25G fiber ports and 8 x
40G/100G fiber ports
7520-48YE-8CE*
7520-48YE
Base System
Extreme 7520-48YE Switch with two empty power supply slots, six empty fan slots,
Ships with one 4-post rack mount kit. Supports 48 x 10G/25G fiber ports and 8 x
40G/100G fiber ports. Includes embedded MACsec capabilities.
7520-48Y-8C-AC-F*
7520-48Y with front- to-back airflow
Extreme 7520-48Y Switch - Ships with two AC front-to-back airflow power
supplies, six front- to-back airflow fans, one 4-post rack mount kit. Supports 48
x 1G/10G/25G fiber ports and 8 x 40G/100G fiber ports
7520-48YE-8CE-AC-F*
7520-48YE with front-to-back airflow
Extreme 7520-48YE Switch - Ships with two AC front-to-back airflow power
supplies, six front- to-back airflow fans, one 4-post rack mount kit. Supports 48
x 10G/25G fiber ports and 8 x 40G/100G fiber ports. Includes embedded MACsec
capabilities.
www.extremenetworks.com
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com