Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XN-DCPWR-750W-R Datasheet(PDF) 4 Page - Extreme Networks.

Part # XN-DCPWR-750W-R
Description  Next Generation Secure Data Center and Mobile Edge Leaf Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-DCPWR-750W-R Datasheet(HTML) 4 Page - Extreme Networks.

  XN-DCPWR-750W-R Datasheet HTML 1Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 2Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 3Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 4Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 5Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 6Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 7Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Power Supply Specifications
750W AC PSU
XN-ACPWR-750W-F/ R
750W DC PSU
XN-DCPWR-750W-F/ R
Dimensions
3.15in W x 1.57in H x 8.11in D (8.0 cm x 4.0 cm x 20.6 cm)
3.15in W x 1.57in H x 8.11in D (8.0 cm x 4.0 cm x 20.6 cm)
Weight
1.79lb(0.81kg)
1.85lb(0.85 kg)
Voltage Input Range
100-140 VAC / 20 0 -240 VAC
-48 to -60 VDC
Line Frequency Range
50 – 60 HZ
N/A
PSU Input Socket
IEC 320 C14
Terminal Block
PSU Output Cord
IEC 320 C13
N/A
Operating Conditions
0˚– 55˚C operation
0˚- 55˚C operation
Software Specifications
Maximum MAC addresses
64,000
Maximum VLANs
4,096
Maximum ACLs (IPv4/IPv6/L2)
2,000
Maximum members in a standard LAG
64
Maximum number of MCT switches
2
Maximum number of Bridge Domains
2,048
Maximum IPv4 unicast routes
128,000
Maximum IPv6 unicast routes
10,000
Maximum IPv4 host routes
47,000
Maximum IPv4 host routes
33,000
Maximum jumbo frame size
9,216 bytes
QoS priority queues (per port)
8
Technical Specs
IEEE Compliance
Ethernet
IEEE 802.1D Spanning Tree Protocol
IEEE 802.1S Multiple Spanning Tree
IEEE 802.1W Rapid Reconfiguration of Spanning Tree Protocol
IEEE 802.3 Ethernet
IEEE 802.3ad Link Aggregation with LACP
IEEE 802.3ab 1000BASE-T
IEEE 802.3z 1000BASE-X
IEEE 802.3ba / 80 2.3bm 40 GBASE-X and 100 GBASE-X
IEEE 802.1Q VLAN Tagging
IEEE 802.1P Class of Service Prioritization and Tagging
IEEE 802.1V VLAN Classification by Protocol and Port
IEEE 802.1ab Link Layer Discovery Protocol (LLDP)
IEEE 802.3x Flow Control (Pause Frames)
IEEE 802.3ae 10 GBASE-X
IEEE 802.3 10 GBASE-T (up to 100 m using Cat6a cabling or better)
For more information on the supported RFCs, visit the Extreme
Documentation Portal. Search for the
Extreme SLX-OS Scale and
Standards Matrix document for your version of SLX-OS.
Virtualization Support
VXLAN Routing VXLAN Bridging
VXLAN Tunnel End Point VXLAN Multi-VNI
www.extremenetworks.com
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com