Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XN-4P-RKMT302 Datasheet(PDF) 3 Page - Extreme Networks.

Part # XN-4P-RKMT302
Description  Universal Aggregation/Core Switch Platform
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-4P-RKMT302 Datasheet(HTML) 3 Page - Extreme Networks.

  XN-4P-RKMT302 Datasheet HTML 1Page - Extreme Networks. XN-4P-RKMT302 Datasheet HTML 2Page - Extreme Networks. XN-4P-RKMT302 Datasheet HTML 3Page - Extreme Networks. XN-4P-RKMT302 Datasheet HTML 4Page - Extreme Networks. XN-4P-RKMT302 Datasheet HTML 5Page - Extreme Networks. XN-4P-RKMT302 Datasheet HTML 6Page - Extreme Networks. XN-4P-RKMT302 Datasheet HTML 7Page - Extreme Networks. XN-4P-RKMT302 Datasheet HTML 8Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Switch Specifications
Model
7520-48Y-8C
7520-48YE-8CE
7520-48XT-6C
Ports
• 48 x 1/10/25GbE SFP28 ports (48Y/8C)
• 48 x 10/25GbE SFP28 ports (48YE-8CE)
• 8 x 40/100GbE QSFP28 ports
• 1 x Serial console port RJ-45
• 1 x 10/100/1000BASE-T out-of-band management port
• USB Type A storage port
• 48 x 1/10GbE 10GBaseT ports
• 6 x 40/100GbE QSFP28 ports
• 1 x Serial console port RJ-45
• 1 x 10/100/1000BASE-T out-of-band management port
• USB Type A storage port
Power Supplies
• Modular 800W AC power supply (up to two PSUs)
• Modular 800W DC power supply (up to two PSUs)
• Front to Back and Back to Front airflow option
• Modular 800W AC power supply (up to two PSUs)
• Modular 800W DC power supply (up to two PSUs)
• Front to Back and Back to Front airflow options
Fan Modules
• 6 fan modules
• Front-Back and Back-Front airflow options
• 6 fan modules
• Front-Back and Back-Front airflow options
Dimensions
• 17.3in W/21.24in D/1.7in H (44.0cm/53.95cm/4.3cm)
(48Y-8C)
• 17.31in W/21.69in D/1.71in H (44.0cm/53.95cm/4.3cm)
(48YE-8CE)
• 17.3in W/20.9in D/1.7in H (44.0cm/53.2cm/4.3cm)
Weight
• 16.71 lb (7.58 kg) empty chassis (48Y-8C)
• 22.29 lb (10.11 kg) with two AC PSUs (-F and -R models)
(48Y-8C)
• 20.35 lb (9.23 kg) empty chassis (48YE-8CE)
• 26.23 lb (11.90 kg) with two AC PSUs (-F and -R models)
(48YE-8CE)
• 16.34 lb (7.41 kg) no PSU
• 20.88 lb (9.47 kg) with two AC PSUs (-F and -R models)
Performance
• Line rate 4 Tbps Switching Capacity (2 Tbps ingress, 2
Tbps egress)
• Typical Latency: 800 ns
• Forwarding rate: 1000 Mpps
• Line rate 2.16 Tbps Switching Capacity (1.08 Tbps
ingress, 1.08 Tbps egress)
• Typical Latency: 2,400 ns
• Forwarding rate: 1000 Mpps
CPU/Memory
• 8-core Processor
• 16GB DDR4 ECC memory
• 128GB SSD memory
• 8-core Processor
• 16GB DDR4 ECC memory
• 128GB SSD memory
Packet Buffers
32MB
32MB
Environmental Operating
Conditions
AC/DC, one fan failed, front-to-back:
• 0°C (32°F) to 50°C (122°F) at sea level;
• 0°C (32°F) to 40°C (104°F) up to 3000 m (10,000 ft)
AC/DC, one fan failed, back-to-front:
• 0°C (32°F) to 45°C (113°F) at sea level;
• 0°C (32°F) to 40°C (104°F) up to 3000 m (10,000 ft)
AC/DC, one fan failed, front-to-back:
• 0°C (32°F) to 50°C (122°F) at sea level;
• 0°C (32°F) to 40°C (104°F) up to 3000 m (10,000 ft)
AC/DC, one fan failed, back-to-front:
• 0°C (32°F) to 45°C (113°F) at sea level;
• 0°C (32°F) to 40°C (104°F) up to 3000 m (10,000 ft)
7520 Software Scaling Values
Switch Engine
MAC Table: 294,000
IPv4 ARP Table: 184,000
IPv4 Route Table: 256,000
IPv4 Multicast Entries (S,G,V): 104,000
IPv6 Neighbor Table: 57,000
IPv6 Route Table: 131,000
ACLs (Ingress/Egress): 8,192/1,024
www.extremenetworks.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com