Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XN-2P-RKMT299 Datasheet(PDF) 3 Page - Extreme Networks.

Part # XN-2P-RKMT299
Description  Next Generation Secure Data Center and Mobile Edge Leaf Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-2P-RKMT299 Datasheet(HTML) 3 Page - Extreme Networks.

  XN-2P-RKMT299 Datasheet HTML 1Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 2Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 3Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 4Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 5Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 6Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 7Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Switch Specifications
Model
8520-48Y
8520-48XT
Ports
• 48 x 1/10/25GbE SFP28 ports
• 8 x 40/100GbE QSFP28 ports
• 1 x Serial console port RJ-45
• 1 x 10/100/1000BASE-T out -of-band management port
• USB Type A storage port
• 48 x 1/10GbE 10GBaseT ports
• 6 x 40/100GbE QSFP28 ports
• 1 x Serial console port RJ-45
• 1 x 10/100/1000BASE-T out -of-band management port
• USB Type A storage port
PowerSupplies
Modular 750W AC power supply (up to two PSUs)
• Modular 750W DC power supply (up to two PSUs)
• Front to Back and Back to Front airflow options
Modular 750W AC power supply (up to two PSUs)
• Modular 750W DC power supply (up to two PSUs)
• Front to Back and Back to Front airflow options
Fan Modules
• 6 fan modules
• Front-Back and Back-Front airflow options
• 6 fan modules
• Front-Back and Back-Front airflow options
Dimensions
17.3 in W / 21.24 in D / 1.7 in H (44.0cm / 53.95cm / 4.3cm)
17.3in W / 20.9 in D / 1.7 in H (44.0cm / 53.2cm / 4.3cm)
Performance
• Line rate 4Tbps Switching Capacity (2Tbps ingress, 2Tbps
egress)
• Typical Latency: 800 ns
• Forwarding rate: 1000 Mpps
• Line rate 2.16 Tbps Switching Capacity (1.08Tbps ingress,
1.08Tbps egress)
• Typical Latency: 2,400 ns
• Forwarding rate: 1000 Mpps
CPU Memory
• 8-core Processor
• 16GB DDR4 ECC memory
• 128GB SSD memory
• 8-core Processor
• 16GB DDR4 ECC memory
• 128GB SSD memory
Packet Buffers
32MB
32MB
Operating
Conditions
AC/DC, one fan failed, front-to-back:
0°C (32°F) to 50°C (122°F) at sea level;
0°C (32°F) to 40°C (104°F) up to 3000 m (10,000 ft)
AC/DC, one fan failed, back-to-front:
0°C (32°F) to 45°C (113°F) at sea level;
0°C (32°F) to 40°C (104°F) up to 3000 m (10,000 ft)
Power and Heat Dissipation
Switch Model
Minimum Heat Dissipation
(BTU/hr) (Idle, no ports linked)
Minimum Power
Consumption (Watts) (Idle,
no ports linked)
Maximum Heat Dissipation
(BTU/hr) (Fans high, all ports
100% traffic)
Maximum Power Consumption
(Watts) (Fans high, all ports
100% traffic)
8520-48YAC
553BTU/ hr
167W
1600BTU/ hr
469W
8520-48YDC
553BTU/ hr
167W
1600BTU/ hr
469W
8520-48XTAC
642BTU/ hr
194W
1225BTU/ hr
359W
8520-48XTDC
642BTU/ hr
194W
1225BTU/ hr
359W
 
 
 
 
www.extremenetworks.com
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com