Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIO-DD75060-RPSMA Datasheet(PDF) 8 Page - Extreme Networks.

Part # AIO-DD75060-RPSMA
Description  Wi-Fi 6E Dual-Radio Indoor Access Point With Integrated or External Antenna Options
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

AIO-DD75060-RPSMA Datasheet(HTML) 8 Page - Extreme Networks.

Back Button AIO-DD75060-RPSMA Datasheet HTML 2Page - Extreme Networks. AIO-DD75060-RPSMA Datasheet HTML 3Page - Extreme Networks. AIO-DD75060-RPSMA Datasheet HTML 4Page - Extreme Networks. AIO-DD75060-RPSMA Datasheet HTML 5Page - Extreme Networks. AIO-DD75060-RPSMA Datasheet HTML 6Page - Extreme Networks. AIO-DD75060-RPSMA Datasheet HTML 7Page - Extreme Networks. AIO-DD75060-RPSMA Datasheet HTML 8Page - Extreme Networks. AIO-DD75060-RPSMA Datasheet HTML 9Page - Extreme Networks. AIO-DD75060-RPSMA Datasheet HTML 10Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Power and Receiver Sensitivity -
AP3000/X
2.4 GHz Radio
Channel
Data Rate
Power (dBm)
Sensitivity (dBm)
11b
1 - 11 Mbps
18
-94, -87
11g
6 Mbps
18
-91
54 Mbps
16
-73
11n HT20
MCS0,7
18, 16
-91,-72
11n HT40
MCS0,7
18, 16
-88, -69
11ax HE20
HE0,11
18, 14
-90,-60
11axHE40
HE0,11
18, 14
-87, -57
5 GHz Radio
Channel
Data Rate
Power (dBm)
Sensitivity (dBm)
11a
6 Mbps
18
-94
54 Mbps
16
-75
11n HT20
MCS0,7
18, 16
-94,-75
11n HT40
MCS0,7
18, 16
-91,-72
11ac VHT20
MCS0,8
18, 16
-94,-71
11ac VHT40
MCS0,9
18, 16
-91, -67
11ac VHT80
MCS0,9
18, 16
-88, -64
11ac VHT160
MCS0,9
17, 15
-85, -61
11ax HE20
HE0,11
18, 14
-93,-64
11axHE40
HE0,11
18, 14
-90,-60
11ax HE80
HE0,11
18, 14
-87, -57
11ax HE160
HE0,11
17, 14
-84, -54
 
 
 
 
 
 
 
 
6 GHz Radio
Channel
Data Rate
Power (dBm)
Sensitivity (dBm)
11a
6 Mbps
18
-93
54 Mbps
15
-75
11n HT20
MCS0,7
18, 15
-93,-75
11n HT40
MCS0,7
17, 15
-91,-72
11ac VHT20
MCS0,8
18, 14
-93,-71
11ac VHT40
MCS0,9
17, 13
-91, -67
11ac VHT80
MCS0,9
17, 13
-88, -64
11ac VHT160
MCS0,9
17, 13
-85, -61
11ax HE20
HE0,11
18, 12
-92,-63
11axHE40
HE0,11
17, 12
-90,-60
11ax HE80
HE0,11
17, 12
-87, -57
11ax HE160
HE0,11
17, 12
-84, -54
www.extremenetworks.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com