Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXFSTOPTK Datasheet(PDF) 1 Page - Belden Inc.

Part # FXFSTOPTK
Description  FiberExpress Fusion Precision Tool Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

FXFSTOPTK Datasheet(HTML) 1 Page - Belden Inc.

  FXFSTOPTK Datasheet HTML 1Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product: FX Fusion Precision Tool Kit
FiberExpress Fusion Precision Tool Kit
Product Description
FiberExpress Fusion Precision Tool Kit
Technical Specifications
Product Overview
Environmental Space:
Indoor
Suitable Applications:
Indoor termination of fiber cables: Patch panels, Communication outlets, Fiber-to-the-desk, Distribution frames, Direct termination to equipment, Fiber cable repair, Campus,
Customer premise / Access network.
Construction
Weight:
3.5 kg
Height:
14 in
Width:
15 in
Temperature Range
Storage Temperature
Range:
-20°C To +60°C
Related Part Numbers
Included Parts:
Installation Pouch, Fiber/Cable Stripper, Tweezers, Pen Marker, Alcohol Wipes, Scissors, Waste Bottle, Safety Glasses, Fiber Precision Cleaver,Installation Card, Component
Checklist, Jacket Slitter
Related Parts:
FX Fusion Connectors
Variants
Item #
Color
UPC
FXFSTOPTK Black
611589217392
Product Notes
Packaging:
The carrying case is individually packaged in a cardboard box.
History
Update and Revision:
Revision Number: 0.50 Revision Date: 11-09-2022
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.


Similar Part No. - FXFSTOPTK

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FXFSTOPCL BELDEN-FXFSTOPCL Datasheet
270Kb / 1P
FiberExpress Fusion Precision Cleaver
08-21-2023
More results

Similar Description - FXFSTOPTK

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LNDSP17 LINEAR_DIMENSIONS-LNDSP17 Datasheet
237Kb / 2P
Complete Physiological Monitoring System & Fusion Development Kit
logo
List of Unclassifed Man...
AX101981 ETC2-AX101981 Datasheet
534Kb / 14P
FiberExpress Connectors
AX104268 ETC2-AX104268 Datasheet
140Kb / 3P
Connectivity Accessories - FiberExpress Brilliance Basic Kit
logo
Molex Electronics Ltd.
11-39-0002 MOLEX11-11-39-0002 Datasheet
27Kb / 1P
IDT - Manual - Tool Kit
11-31-2335 MOLEX11-11-31-2335 Datasheet
28Kb / 1P
IDT - Manual - Tool Kit
logo
PHOENIX CONTACT
1212422 PHOENIX-1212422 Datasheet
63Kb / 3P
Tool set - TOOL-KIT STANDARD
logo
Molex Electronics Ltd.
ATS-192900007 MOLEX-ATS-192900007 Datasheet
271Kb / 3P
HHL Tool Kit
10-31-14
ATS-192900010 MOLEX-ATS-192900010 Datasheet
267Kb / 3P
HHL Tool Kit
10-31-14
ATS-192900750 MOLEX-ATS-192900750 Datasheet
250Kb / 3P
HHL Tool Kit
11-15-15
ATS-638170400 MOLEX-ATS-638170400 Datasheet
301Kb / 3P
Precision Stripper Tool
10-14-09
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com