Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP101 Datasheet(PDF) 2 Page - Power Innovations Ltd

Part # TIP101
Description  NPN SILICON POWER DARLINGTONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIP101 Datasheet(HTML) 2 Page - Power Innovations Ltd

  TIP101 Datasheet HTML 1Page - Power Innovations Ltd TIP101 Datasheet HTML 2Page - Power Innovations Ltd TIP101 Datasheet HTML 3Page - Power Innovations Ltd TIP101 Datasheet HTML 4Page - Power Innovations Ltd TIP101 Datasheet HTML 5Page - Power Innovations Ltd TIP101 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TIP100, TIP101, TIP102
NPN SILICON POWER DARLINGTONS
2
AUGUST 1978 - REVISED MARCH 1997
PRODUCT
INFORMATION
NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
electrical characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = 30 mA
(see Note 5)
IB = 0
TIP100
TIP101
TIP102
60
80
100
V
ICEO
Collector-emitter
cut-off current
VCE = 30 V
VCE = 40 V
VCE = 50 V
IB = 0
IB = 0
IB = 0
TIP100
TIP101
TIP102
50
50
50
µA
ICBO
Collector cut-off
current
VCB = 60 V
VCB = 80 V
VCB = 100 V
IE = 0
IE = 0
IE = 0
TIP100
TIP101
TIP102
50
50
50
µA
IEBO
Emitter cut-off
current
VEB =
5 V
IC = 0
8
mA
hFE
Forward current
transfer ratio
VCE =
4 V
VCE =
4 V
IC = 3 A
IC = 8 A
(see Notes 5 and 6)
1000
200
20000
VCE(sat)
Collector-emitter
saturation voltage
IB =
6 mA
IB = 80 mA
IC = 3 A
IC = 8 A
(see Notes 5 and 6)
2
2.5
V
VBE
Base-emitter
voltage
VCE =
4 V
IC = 8 A
(see Notes 5 and 6)
2.8
V
VEC
Parallel diode
forward voltage
IE =
8 A
IB = 0
(see Notes 5 and 6)
3.5
V
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
1.56
°C/W
RθJA
Junction to free air thermal resistance
62.5
°C/W
CθC
Thermal capacitance of case
0.9
J/°C
resistive-load-switching characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td
Delay time
IC = 8 A
VBE(off) = -5 V
IB(on) = 80 mA
RL = 5 Ω
IB(off) = -80 mA
tp = 20 µs, dc ≤ 2%
35
ns
tr
Rise time
350
ns
ts
Storage time
1.8
µs
tf
Fall time
2.45
µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com