Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLEB301 Datasheet(PDF) 2 Page - ZKTECO CO., LTD. All rights reserved.

Part # TLEB301
Description  New generation exit button with a remote control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZKTECO [ZKTECO CO., LTD. All rights reserved.]
Direct Link  https://www.zkteco.com/en/
Logo ZKTECO - ZKTECO CO., LTD. All rights reserved.

TLEB301 Datasheet(HTML) 2 Page - ZKTECO CO., LTD. All rights reserved.

  TLEB301 Datasheet HTML 1Page - ZKTECO CO., LTD. All rights reserved. TLEB301 Datasheet HTML 2Page - ZKTECO CO., LTD. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Dimension (mm)
Model
TLEB301BP
TLEB301W
Processor
CPU: Arm® Cortex®-M0 @ max. up to 48MHz
Casing Material
Aluminium Alloy
2.5D Tempered glass panel
Anti-static
Contact Discharge ± 6KV
Air discharge ± 8KV
Power
DC 12V 1A
Current Draw ≤200mA
Status Indicator
White: Standby
Green: Go / Allow to Proceed
Red: Stop / Do Not Proceed
Remote Control Communication
433 MHz
Remote Control Distance
15m
Number of Remote Control Support
Max. 6 remote control (Optional ; Separate purchases required).
Operating Temperature
0°C to 45°C
Operating Humidity
20% to 90% RH (Non-condensing)
Supported Panel
InBio Series, C3 Series, EC16
Ingress Protection Rating
IK04 (Vandal-Resistant)
Operating Environment
Indoor
Dimensions
86*86*11.2mm (L*W*D)
Mounting Method
Asian gang box
Color
Black & White
Certifications
ISO9001, ISO14001, CE, FCC
ZKTECO CO.,LTD.
www.zkteco.com
E-mail: sales@zkteco.com
Copyright © 2023 ZKTECO CO., LTD. All rights reserved.
V1.0 12/01/2023
86
60
34.4
Remote Control
TLEB301



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com