Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K240AD-R009-P2AT Datasheet(PDF) 2 Page - KG Technologies, Inc.

Part # K240AD-R009-P2AT
Description  200A POWER LATCHING RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KG [KG Technologies, Inc.]
Direct Link  https://kgtechnologies.net/
Logo KG - KG Technologies, Inc.

K240AD-R009-P2AT Datasheet(HTML) 2 Page - KG Technologies, Inc.

  K240AD-R009-P2AT Datasheet HTML 1Page - KG Technologies, Inc. K240AD-R009-P2AT Datasheet HTML 2Page - KG Technologies, Inc. K240AD-R009-P2AT Datasheet HTML 3Page - KG Technologies, Inc. K240AD-R009-P2AT Datasheet HTML 4Page - KG Technologies, Inc. K240AD-R009-P2AT Datasheet HTML 5Page - KG Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KG Technologies Inc.
Phone: +1.888.513.1874
Email: info@kgtechnologies.net
Web: www.kgtechnologies.net
K240_EN Rev 1.0
Coil Resistance
(Ω±10%) at 23°C
Nominal Coil Voltage
Min Set/Reset Voltage
Single Coil (Latching)
Dual Coil (Latching)
6Vdc
4.8Vdc
3Ω
2 x 1.5Ω
9Vdc
7.2Vdc
6.75Ω
2 x 3.3Ω
12Vdc
9.6Vdc
12Ω
2 x 6Ω
24Vdc
19.2Vdc
48Ω
2 x 24Ω
48Vdc
38.4Vdc
190Ω
2 x 95Ω
Ordering Information
K240
■
■
-■ ■ -■ ■ T -Cxxxx
Relay Series
Terminal Type:
A: See drawing
B: See drawing
X: Custom Design ‡‡
Coil Type:
S: Single Coil
D: Dual Coil
Coil Pin Position:
L: Coil pins on left of relay
R: Coil pins on right of relay
Coil Voltage §§:
6, 9, 12, 24, 48 Vdc
Polarity:
P: Positive
N: Negative
Contact Form:
2A: Form 2A – Normally open (NO)
2B: Form 2B – Normally closed (NC)
Contact Material: T: AgSnO2
Custom Number:
Cxxxx: Where xxxx represents a unique number for custom relay terminal designs
‡‡ For custom designs, please contact KG Technologies
§§ Coil voltage should be indicated in three-digit format (6Vdc = 006)
Coil Data
Single Coil (Latching)
Dual Coil (Latching)
Coil Consumption
12W
24W
Pulse Duration
50ms
50ms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com